Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT-503GB Datasheet(PDF) 3 Page - Yuechung International Corp.

Part # GT-503GB
Description  GPS & BDS Receiver (G-Mouse)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

GT-503GB Datasheet(HTML) 3 Page - Yuechung International Corp.

  GT-503GB Datasheet HTML 1Page - Yuechung International Corp. GT-503GB Datasheet HTML 2Page - Yuechung International Corp. GT-503GB Datasheet HTML 3Page - Yuechung International Corp. GT-503GB Datasheet HTML 4Page - Yuechung International Corp. GT-503GB Datasheet HTML 5Page - Yuechung International Corp. GT-503GB Datasheet HTML 6Page - Yuechung International Corp. GT-503GB Datasheet HTML 7Page - Yuechung International Corp. GT-503GB Datasheet HTML 8Page - Yuechung International Corp. GT-503GB Datasheet HTML 9Page - Yuechung International Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GT Series
Yuechung International Corp. (YIC)
3
URL: www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
1.5 DC Electrical characteristics
Parameter
Symbol
Conditions
Min. Typ.
Max.
Units
Input Voltage
VCC
2.8
3.3
5.5
V
Input Backup Battery
Voltage
V_BCKP
2.8
3.6
V
Supply Current
Iss
VCC = 3.3V,
w/o active antenna,
Peak
Acquisition
Tracking
Standby
50
50
45(2)
650
150(1)
mA
mA
mA
uA
Backup Battery Current
Ibat
VCC = 0V
12
uA
High Level Input
Voltage
VIH
2.1
3.0
V
Low Level Input
Voltage
VIL
-0.3
0.9
V
High Level Input
Current
IIH
no pull-up or down
-1
1
uA
Low Level Input
Current
IIL
no pull-up or down
-1
1
uA
High Level Output
Voltage
VOH
2.1
3.0
V
Low Level Output
Voltage
VOL
-
1.2
V
High Level Output
Current
IOH
1
3
mA
Low Level Output
Current
IOL
1
3
mA
Note 1: This happens when downloading AGPS data to Module.
Note 2: Measured when position fix (1Hz) is available, input voltage is 3.3V and the function of self-generated
ephemeris prediction is inactive.
Temperature characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Operating Temperature
Topr
-40
25
85
℃
Storage Temperature
Tstg
-40
25
85
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com