Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS580-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS580-01
Description  GLITCH-FREE CLOCK MULITPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS580-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS580-01 Datasheet HTML 1Page - Renesas Technology Corp ICS580-01 Datasheet HTML 2Page - Renesas Technology Corp ICS580-01 Datasheet HTML 3Page - Renesas Technology Corp ICS580-01 Datasheet HTML 4Page - Renesas Technology Corp ICS580-01 Datasheet HTML 5Page - Renesas Technology Corp ICS580-01 Datasheet HTML 6Page - Renesas Technology Corp ICS580-01 Datasheet HTML 7Page - Renesas Technology Corp ICS580-01 Datasheet HTML 8Page - Renesas Technology Corp ICS580-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ICS580-01
GLITCH-FREE CLOCK MULITPLEXER
CLOCK MULTIPLEXER
IDT™ / ICS™ GLITCH-FREE CLOCK MULITPLEXER
3
ICS580-01
REV L 051310
Pin Descriptions
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
SELB
Input
Mux select. Selects INB when high. Internal pull-up.
2
DIV
Input
Time out select. See table above. Internal pull-up.
3
VDDI
Power
Supply for input clocks only. Can be higher than VDDC.
4
INA
Input
Input Clock A.
5
INB
Input
Input Clock B.
6
GND
Power
Connect to ground.
7
OE4
Input
Output enable. Tri-states NO_INB when low. Internal pull-up.
8
OE3
Input
Output enable. Tri-states NO_INA when low. Internal pull-up.
9
OE2
Input
Output enable. Tri-states CLK2 when low. Internal pull-up.
10
GND
Power
Connect to ground.
11
NO_INB
Output
Goes high when clock on INB stops.
12
NO_INA
Output
Goes high when clock on INA stops.
13
CLK2
Output
Clock 2 output. Low skew compared to CLK1.
14
CLK1
Output
Clock 1 output. Low skew compared to CLK2.
15
VDDC
Power
Main chip supply. Output clocks amplitude will match this VDD.
16
OE1
Input
Output enable. Tri-states CLK1 when low. Internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com