Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS580-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS580-01
Description  GLITCH-FREE CLOCK MULITPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS580-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS580-01 Datasheet HTML 1Page - Renesas Technology Corp ICS580-01 Datasheet HTML 2Page - Renesas Technology Corp ICS580-01 Datasheet HTML 3Page - Renesas Technology Corp ICS580-01 Datasheet HTML 4Page - Renesas Technology Corp ICS580-01 Datasheet HTML 5Page - Renesas Technology Corp ICS580-01 Datasheet HTML 6Page - Renesas Technology Corp ICS580-01 Datasheet HTML 7Page - Renesas Technology Corp ICS580-01 Datasheet HTML 8Page - Renesas Technology Corp ICS580-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ICS580-01
GLITCH-FREE CLOCK MULITPLEXER
CLOCK MULTIPLEXER
IDT™ / ICS™ GLITCH-FREE CLOCK MULITPLEXER
4
ICS580-01
REV L 051310
Device Operation
The ICS580-01 consists of a glitch free mux between INA and INB controlled by SELB. The device is designed to
switch between two clocks, whether running or not. In the first example, clocks are running on both INA and INB.
When SELB changes, the output clock goes low after three cycles of the output clock (nominally). The output then
stays low for three cycles of the new input clock (nominally) and then starts with the new input clock. This is shown
in Figure 1.
In the second example, one of the inputs was selected and running but has since stopped (either high or low). This
is indicated by either NO_INA or NO_INB going high depending on whether INA or INB has stopped. These signals
go high following a selectable time-out period after the clock has stopped. The timeout period is determined by the
DIV input in. The SELB pin is now changed to select the new input clock which is running. The output clock
immediately goes low and stays low for three cycles of the new input clock and then starts with the new input clock.
Figure 2 shows an example of this
INA
INB
SELB
CLK1, 2
Figure 1
INA
INB
SELB
NO_INA
Figure 2
Timeout
CLK1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com