Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS580-01 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS580-01
Description  GLITCH-FREE CLOCK MULITPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS580-01 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS580-01 Datasheet HTML 4Page - Renesas Technology Corp ICS580-01 Datasheet HTML 5Page - Renesas Technology Corp ICS580-01 Datasheet HTML 6Page - Renesas Technology Corp ICS580-01 Datasheet HTML 7Page - Renesas Technology Corp ICS580-01 Datasheet HTML 8Page - Renesas Technology Corp ICS580-01 Datasheet HTML 9Page - Renesas Technology Corp ICS580-01 Datasheet HTML 10Page - Renesas Technology Corp ICS580-01 Datasheet HTML 11Page - Renesas Technology Corp ICS580-01 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ICS580-01
GLITCH-FREE CLOCK MULITPLEXER
CLOCK MULTIPLEXER
IDT™ / ICS™ GLITCH-FREE CLOCK MULITPLEXER
8
ICS580-01
REV L 051310
Thermal Characteristics (16-pin SOIC)
Thermal Characteristics (16-pin TSSOP)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
120
° C/W
θJA
1 m/s air flow
115
° C/W
θJA
3 m/s air flow
105
° C/W
Thermal Resistance Junction to Case
θJC
58
° C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
78
° C/W
θJA
1 m/s air flow
70
° C/W
θJA
3 m/s air flow
68
° C/W
Thermal Resistance Junction to Case
θJC
37
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com