Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS932S801 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS932S801
Description  K8 Clock Chip for Serverworks GC-HT 2-Way Servers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S801 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS932S801 Datasheet HTML 9Page - Renesas Technology Corp ICS932S801 Datasheet HTML 10Page - Renesas Technology Corp ICS932S801 Datasheet HTML 11Page - Renesas Technology Corp ICS932S801 Datasheet HTML 12Page - Renesas Technology Corp ICS932S801 Datasheet HTML 13Page - Renesas Technology Corp ICS932S801 Datasheet HTML 14Page - Renesas Technology Corp ICS932S801 Datasheet HTML 15Page - Renesas Technology Corp ICS932S801 Datasheet HTML 16Page - Renesas Technology Corp ICS932S801 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
ICS932S801
0959C—03/13/06
SMBus Table: Vendor ID Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
RID3
R
-
-
X
Bit 6
RID2
R
-
-
X
Bit 5
RID1
R
-
-
X
Bit 4
RID0
R
-
-
X
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
1
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 6
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 5
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 4
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 3
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 2
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 1
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 0
Reserved
Reserved
RW
Reserved
Reserved
0
SMBus Table: M/N Programming Enable
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
M/N_EN
CPU and SRC PLL M/N
Programming Enable
RW
Disable
Enable
0
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
Reserved
Reserved
RW
-
-
0
Bit 2
Reserved
Reserved
RW
-
-
0
Bit 1
Reserved
Reserved
RW
-
-
0
Bit 0
Reserved
Reserved
RW
-
-
0
Byte 8
Byte 7
-
-
-
Writing to this register will
configure how many bytes
will be read back, default is
9 bytes.
-
-
-
-
-
-
-
-
-
-
-
Byte 10
Byte 9
-
-
-
-
-
-
-
Revision ID
VENDOR ID
(0001 = ICS)
-
Byte Count Programming
b(7:0)
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com