Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS932S801 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS932S801
Description  K8 Clock Chip for Serverworks GC-HT 2-Way Servers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S801 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS932S801 Datasheet HTML 1Page - Renesas Technology Corp ICS932S801 Datasheet HTML 2Page - Renesas Technology Corp ICS932S801 Datasheet HTML 3Page - Renesas Technology Corp ICS932S801 Datasheet HTML 4Page - Renesas Technology Corp ICS932S801 Datasheet HTML 5Page - Renesas Technology Corp ICS932S801 Datasheet HTML 6Page - Renesas Technology Corp ICS932S801 Datasheet HTML 7Page - Renesas Technology Corp ICS932S801 Datasheet HTML 8Page - Renesas Technology Corp ICS932S801 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
ICS932S801
0959C—03/13/06
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1X1
IN
Crystal input, Nominally 14.318MHz.
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD48
PWR
Power pin for the 48MHz output.3.3V
4
48MHz_0
OUT
48MHz clock output.
5
48MHz_1
OUT
48MHz clock output.
6
GND
PWR
Ground pin.
7
SCLK
I/O
Clock pin of SMBus circuitry, 5V tolerant.
8
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
9
VDDHTT
PWR
Supply for HTT clocks, nominal 3.3V.
10
HTTCLK0
OUT
3.3V Hyper Transport output
11
HTTCLK1
OUT
3.3V Hyper Transport output
12
HTTCLK2
OUT
3.3V Hyper Transport output
13
HTTCLK3
OUT
3.3V Hyper Transport output
14
GNDHTT
PWR
Ground pin for the HTT outputs
15
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
16
PCICLK0
OUT
PCI clock output.
17
PCICLK1
OUT
PCI clock output.
18
PCICLK2
OUT
PCI clock output.
19
PCICLK3
OUT
PCI clock output.
20
GNDPCI
PWR
Ground pin for the PCI outputs
21
PD#
IN
Asynchronous active low input pin used to power down the device. The internal
clocks are disabled and the VCO and the crystal are stopped.
22
VDDA
PWR
3.3V power for the PLL core.
23
GNDA
OUT
Ground pin for the PLL core.
24
IREF
OUT
This pin establishes the reference current for the differential current-mode output
pairs. This pin requires a fixed precision resistor tied to ground in order to establish
the appropriate current. 475 ohms is the standard value.
25
SRCCLKC0
OUT
Complement clock of differential SRC clock pair.
26
SRCCLKT0
OUT
True clock of differential SRC clock pair.
27
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
28
GNDSRC
PWR
Ground pin for the SRC outputs
29
SPREAD_EN
IN
Asynchronous, active high input to enable spread spectrum functionality.
30
CPUCLK8C3
OUT
Complementary clock of differential 3.3V push-pull K8 pair.
31
CPUCLK8T3
OUT
True clock of differential 3.3V push-pull K8 pair.
32
GNDCPU
PWR
Ground pin for the CPU outputs
33
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
34
CPUCLK8C2
OUT
Complementary clock of differential 3.3V push-pull K8 pair.
35
CPUCLK8T2
OUT
True clock of differential 3.3V push-pull K8 pair.
36
GNDCPU
PWR
Ground pin for the CPU outputs
37
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
38
CPUCLK8C1
OUT
Complementary clock of differential 3.3V push-pull K8 pair.
39
CPUCLK8T1
OUT
True clock of differential 3.3V push-pull K8 pair.
40
GNDCPU
PWR
Ground pin for the CPU outputs
41
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
42
CPUCLK8C0
OUT
Complementary clock of differential 3.3V push-pull K8 pair.
43
CPUCLK8T0
OUT
True clock of differential 3.3V push-pull K8 pair.
44
GND
PWR
Ground pin.
45
FS2
IN
Frequency select pin.
46
FS1/REF1
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
47
FS0/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
48
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com