Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS932S801 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS932S801
Description  K8 Clock Chip for Serverworks GC-HT 2-Way Servers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S801 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS932S801 Datasheet HTML 10Page - Renesas Technology Corp ICS932S801 Datasheet HTML 11Page - Renesas Technology Corp ICS932S801 Datasheet HTML 12Page - Renesas Technology Corp ICS932S801 Datasheet HTML 13Page - Renesas Technology Corp ICS932S801 Datasheet HTML 14Page - Renesas Technology Corp ICS932S801 Datasheet HTML 15Page - Renesas Technology Corp ICS932S801 Datasheet HTML 16Page - Renesas Technology Corp ICS932S801 Datasheet HTML 17Page - Renesas Technology Corp ICS932S801 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
ICS932S801
0959C—03/13/06
SMBus Table: CPU Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
N Div8
N Divider Prog bit 8
RW
X
Bit 6
N Div9
N Divider Prog bit 9
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
SMBus Table: CPU Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
N Div7
RW
X
Bit 6
N Div6
RW
X
Bit 5
N Div5
RW
X
Bit 4
N Div4
RW
X
Bit 3
N Div3
RW
X
Bit 2
N Div2
RW
X
Bit 1
N Div1
RW
X
Bit 0
N Div0
RW
X
SMBus Table: CPU Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
SMBus Table: CPU Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Reserved
Reserved
R
-
-
0
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
Spread Spectrum
Programming bit(7:0)
-
-
-
-
-
-
Byte 11
-
-
M Divider Programming
bit (5:0)
-
-
-
-
-
N Divider Programming
Byte12 bit(7:0) and
Byte11 bit(7:6)
-
-
Spread Spectrum
Programming bit(14:8)
-
-
-
-
-
-
-
-
-
-
Byte 14
-
-
-
Byte 13
Byte 12
-
-
-
-
These Spread Spectrum
bits in Byte 13 and 14 will
program the spread
pecentage of CPU
These Spread Spectrum
bits in Byte 13 and 14 will
program the spread
pecentage of CPU
The decimal representation
of M and N Divier in Byte
11 and 12 will configure
the CPU VCO frequency.
Default at power up = latch-
in or Byte 0 Rom table.
VCO Frequency = 14.318
x [NDiv(9:0)+8] /
[MDiv(5:0)+2]
The decimal representation
of M and N Divier in Byte
11 and 12 will configure
the CPU VCO frequency.
Default at power up = latch-
in or Byte 0 Rom table.
VCO Frequency = 14.318
x [NDiv(9:0)+8] /
[MDiv(5:0)+2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com