Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFR Datasheet(PDF) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # MMFR
Description  Precision Metal Film Molded Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

MMFR Datasheet(HTML) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  MMFR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 4Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 5Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 6Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 7Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMFR
Precision Metal Film Molded Resistor
Tight Tolerance, Low TCR, High Load Life Stability
MMFR series uses 96% alumina ceramic cores, combined with precision metal film deposition
technology, to achieve the target resistance through laser trimming. The lowest TCR of MMFR
series is ±5ppm/℃. Load life stability is significantly improved compared to general metal
film resistor. At +70℃ ambient temperature, the maximum resistance change after loading
the rated power for 1000 hours is ±0.05%, with strong moisture resistance. The pin structure
is conducive to reducing the impact of PCB stress on resistor. Highly suitable for electronic
circuits with high requirements of TCR and stability.
1/6
Introduction
Precision Metal Film Molded Resistor
Electrical Parameters
(+70℃)
MMFR2568
MMFR3710
MMFR5215
MMFR6518
0.25W
ppm/℃
Ω
%
250V
10≤R≤1M
-50℃~+125℃
E24,E96
0.5W
0.75W
1.0W
300V
350V
400V
±5
±0.05,±0.1,±0.5,±1.0
10≤R≤1M
10≤R≤1M
10≤R≤1M
-50℃~+125℃
-50℃~+125℃
-50℃~+125℃
E24,E96
E24,E96
E24,E96
±5
±5
±5
±0.05,±0.1,±0.5,±1.0
±0.05,±0.1,±0.5,±1.0
±0.05,±0.1,±0.5,±1.0
Max. Overload
Voltage
500V
600V
700V
800V
Dimensions & Packaging
L
D
2568
3710
5215
6518
2.5±0.4
d
0.6±0.05
Quantity
Bulk
200pcs
100pcs
100pcs
100pcs
Per Bulk
L
D
d
Bulk
Bulk
Bulk
0.6±0.05
0.6±0.05
0.8±0.05
3.7±0.4
5.2±0.4
6.5±0.4
6.8±0.4
10.0±0.4
14.8±0.4
18.3±0.4
C&B Electronics Shenzhen CO., LTD. | www.resistor.today | resi@cbeureka.com | Tel:0755-83981080/83981010
Size
Rated Power
Max. Operating
Voltage
Operating
Temperature
E-Series
Value
TCR
Resistance
Tolerance
Unit:mm
Size
Packaging



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com