Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFR Datasheet(PDF) 6 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # MMFR
Description  Precision Metal Film Molded Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

MMFR Datasheet(HTML) 6 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  MMFR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 4Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 5Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 6Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 7Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5215
±0.1%
0.75W
350V
MMFR
5215
6518
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
0.75W
1.0W
350V
400V
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
10Ω
20Ω
50Ω
100Ω
200Ω
250Ω
500Ω
1KΩ
2KΩ
5KΩ
10KΩ
20KΩ
50KΩ
100KΩ
200KΩ
500KΩ
1MΩ
5/6
MMFR5215B500KV9
MMFR5215B1M00V9
MMFR6518B10R0V9
MMFR6518B20R0V9
MMFR6518B50R0V9
MMFR6518B100RV9
MMFR6518B200RV9
MMFR6518B250RV9
MMFR6518B500RV9
MMFR6518B1K00V9
MMFR6518B2K00V9
MMFR6518B5K00V9
MMFR6518B10K0V9
MMFR6518B20K0V9
MMFR6518B50K0V9
MMFR6518B100KV9
MMFR6518B200KV9
MMFR6518B500KV9
MMFR6518B1M00V9
500KΩ
1MΩ
6518
6518
6518
6518
6518
6518
6518
6518
6518
6518
6518
6518
6518
6518
6518
6518
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
400V
400V
400V
400V
400V
400V
400V
400V
400V
400V
400V
400V
400V
400V
400V
400V
Initial Issue
V0
2023/4/28
LFY
Precision Metal Film Molded Resistor
C&B Electronics Shenzhen CO., LTD. | www.resistor.today | resi@cbeureka.com | Tel:0755-83981080/83981010
Popular Part Numbers
Part Number
Size
TCR
Resistance
Tolerance
Power
Max.
Operating Voltage
Version
Approver
Date
Revised Content
Revision
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com