Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFR Datasheet(PDF) 5 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # MMFR
Description  Precision Metal Film Molded Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

MMFR Datasheet(HTML) 5 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  MMFR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 4Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 5Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 6Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 7Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4/6
2568
3710
5215
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
10Ω
0.25W
0.75W
250V
300V
350V
MMFR
MMFR2568B10R0V9
MMFR2568B20R0V9
MMFR2568B50R0V9
MMFR2568B100RV9
MMFR2568B200RV9
MMFR2568B250RV9
MMFR2568B500RV9
MMFR2568B1K00V9
MMFR2568B2K00V9
MMFR2568B5K00V9
MMFR2568B10K0V9
MMFR2568B20K0V9
MMFR2568B50K0V9
MMFR2568B100KV9
MMFR2568B200KV9
MMFR2568B500KV9
MMFR2568B1M00V9
MMFR3710B10R0V9
MMFR3710B20R0V9
MMFR3710B50R0V9
MMFR3710B100RV9
MMFR3710B200RV9
MMFR3710B250RV9
MMFR3710B500RV9
MMFR3710B1K00V9
MMFR3710B2K00V9
MMFR3710B5K00V9
MMFR3710B10K0V9
MMFR3710B20K0V9
MMFR3710B50K0V9
MMFR3710B100KV9
MMFR3710B200KV9
MMFR3710B500KV9
MMFR3710B1M00V9
MMFR5215B10R0V9
MMFR5215B20R0V9
MMFR5215B50R0V9
MMFR5215B100RV9
MMFR5215B200RV9
MMFR5215B250RV9
MMFR5215B500RV9
MMFR5215B1K00V9
MMFR5215B2K00V9
MMFR5215B5K00V9
MMFR5215B10K0V9
MMFR5215B20K0V9
MMFR5215B50K0V9
MMFR5215B100KV9
MMFR5215B200KV9
2568
2568
2568
2568
2568
2568
2568
2568
2568
2568
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
±0.1%
20Ω
50Ω
100Ω
200Ω
250Ω
500Ω
1KΩ
2KΩ
5KΩ
10KΩ
0.25W
0.25W
0.25W
0.25W
0.25W
0.25W
0.25W
0.25W
0.25W
0.25W
250V
250V
250V
250V
250V
250V
250V
250V
250V
250V
2568
±0.1%
20KΩ
0.25W
250V
2568
±0.1%
50KΩ
0.25W
250V
2568
±0.1%
100KΩ
0.25W
250V
2568
±0.1%
200KΩ
0.25W
250V
2568
±0.1%
500KΩ
0.25W
250V
2568
±0.1%
0.25W
250V
1MΩ
0.5W
10Ω
20Ω
50Ω
100Ω
200Ω
250Ω
500Ω
1KΩ
2KΩ
5KΩ
10KΩ
20KΩ
50KΩ
100KΩ
200KΩ
500KΩ
1MΩ
3710
3710
3710
3710
3710
3710
3710
3710
3710
3710
3710
3710
3710
3710
3710
3710
300V
300V
300V
300V
300V
300V
300V
300V
300V
300V
300V
300V
300V
300V
300V
300V
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
10Ω
20Ω
50Ω
100Ω
200Ω
250Ω
500Ω
1KΩ
2KΩ
5KΩ
10KΩ
20KΩ
50KΩ
100KΩ
200KΩ
5215
5215
5215
5215
5215
5215
5215
5215
5215
5215
5215
5215
5215
5215
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
0.75W
350V
350V
350V
350V
350V
350V
350V
350V
350V
350V
350V
350V
350V
350V
Precision Metal Film Molded Resistor
C&B Electronics Shenzhen CO., LTD. | www.resistor.today | resi@cbeureka.com | Tel:0755-83981080/83981010
Popular Part Numbers
Part Number
Size
TCR
Resistance
Tolerance
Power
Max.
Operating Voltage
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃
±5ppm/℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com