Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1-PCB Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AM1-PCB
Description  High Dynamic Range Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AM1-PCB Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AM1-PCB Datasheet HTML 1Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 2Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 3Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 4Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 5Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 6 June 2006
AM1
High Dynamic Range Gain Block
Product Information
The Communications Edge TM
Typical Device Data
S-Parameters (VDS = +3.3 V, IDS = 75 mA, T = 25 C, 50 ohm system)
Input return loss can be improved with the appropriate input matching network shown later in this datasheet.
Gainvs. Frequency
6
8
10
12
14
16
0
500
1000 1500 2000 2500 3000
Frequency(MHz)
-40c
+25c
+85c
S11vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500 1000 1500 2000 2500 3000
Frequency(MHz)
-40c
+25c
+85c
S22vs. Frequency
-40
-30
-20
-10
0
0
500 1000 1500 2000 2500 3000
Frequency(MHz)
-40c
+25c
+85c
NoiseFigurevs. Frequency
0
1
2
3
4
5
6
0
500
1000 1500 2000 2500 3000
Frequency(MHz)
Output IP3 vs. Output Power
frequency = 900 / 910 MHz
20
25
30
35
40
0
2
4
6
8
10
Output Power (dBm)
-40c
+25c
+85c
Output Power / Gainvs. Input Power
frequency=900MHz, Temp=+25°C
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Input Power (dBm)
10
12
14
16
18
20
Output Power
Gain
Output Power / Gainvs. Input Power
frequency=1900MHz, Temp=+25°C
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Input Power (dBm)
10
12
14
16
18
20
Output Power
Gain



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com