Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1-PCB Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # AM1-PCB
Description  High Dynamic Range Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AM1-PCB Datasheet(HTML) 5 Page - WJ Communication. Inc.

  AM1-PCB Datasheet HTML 1Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 2Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 3Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 4Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 5Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 5 of 6 June 2006
AM1
High Dynamic Range Gain Block
Product Information
The Communications Edge TM
Reference Design: 450 MHz
C=1000 pF
L=82 nH
C=1000 pF
C=1e4 pF
L=15 nH
C=1.2 pF
NET="AM1"
+4.5 V
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
Frequency (GHz)
11
12
13
14
15
16
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) (R)
DB(|S[2,1]|) (L)
DB(|S[2,2]|) (R)
Reference Design: 800 MHz
C=100 pF
IND
L=33 nH
C=100 pF
C=100 pF
C=1e4 pF
L=6.8 nH
NET="AM1"
PORT
+4.5 V
0.6
0.7
0.8
0.9
1
1.1
1.2
Frequency (GHz)
10
11
12
13
14
15
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)
Reference Design: 1900 / 2140 MHz
CAP
ID=C3
C=56 pF
IND
ID=L2
L=33 nH
CAP
C=56 pF
CAP
ID=C1
C=3.9 pF
IND
ID=L1
L=3.3 nH
CAP
C=1e4 pF
TLINP
ID=TL1
Z0=50 Ohm
L=150 mil
Eeff=3.4
Loss=0
F0=2 GHz
SUBCKT
NET="AM1"
+4.5 V
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
Frequency (GHz)
9
10
11
12
13
14
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)
Reference Design: CATV Single-ended Operation
L=4.7 nH
C=1.8e4 pF
L=100 nH
C=1000 pF
R=5 Ohm
NET="AM1"
Z=75 Ohm
Z=75 Ohm
+4.5 V
0
0.2
0.4
0.6
0.8
1
Frequency (GHz)
11
12
13
14
15
16
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) (R)
DB(|S[2,1]|) (L)
DB(|S[2,2]|) (R)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com