Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1-PCB Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # AM1-PCB
Description  High Dynamic Range Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AM1-PCB Datasheet(HTML) 1 Page - WJ Communication. Inc.

  AM1-PCB Datasheet HTML 1Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 2Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 3Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 4Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 5Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 1 of 6 June 2006
AM1
High Dynamic Range Gain Block
Product Information
The Communications Edge TM
Product Features
x 60 – 3000 MHz
x 14 dB Gain
x 2.4 dB Noise Figure
x +39 dBm OIP3
x Single +3.3 or +4.5 Supply
x Internally matched to 50 :
x Lead-free/Green/RoHS-
compliant
SOT-89 Package
x MTTF > 1000 years
Applications
x Mobile Infrastructure
x CATV / DBS
x W-LAN / ISM
x RFID
x Defense / Homeland Security
x Fixed Wireless
Product Description
The AM1 is a general-purpose gain block that offers good
dynamic range and low noise figure in a low-cost surface-
mount package. The combination of near-constant OIP3
and low noise figure performance over frequency makes it
attractive for both narrowband and broadband applications.
The device combines dependable performance with superb
quality to maintain MTTF values exceeding 1000 years at
mounting temperatures of +85
qC and is available in the
environmentally-friendly lead-free/green/RoHS-compliant
SOT-89 package.
The AM1 uses a high reliability GaAs MMIC technology
and only requires DC-blocking and bypass capacitors, and
an inductive RF choke for operation. Internal matching
provides a 50 ohm input / output impedance minimizing the
number of required external components.
The broadband MMIC amplifier is well suited for various
current and next generation wireless technologies such as
GPRS, GSM, CDMA, and W-CDMA. In addition, the
AM1 will work for other applications within the 60 to 3000
MHz frequency range such as fixed wireless.
Functional Diagram
RF IN
GND
RF OUT
GND
1
2
3
4
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications (1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
60
3000
Test Frequency
MHz
800
Gain
dB
13
14
16
Input Return Loss (5)
dB
8.5
Output Return Loss
dB
20
Output P1dB
dBm
+18
Output IP3 (2)
dBm
+36
+39
Noise Figure (3)
dB
2.4
Operating Current Range
mA
55
78
100
Supply Voltage
V
4.5
1. Test conditions unless otherwise noted: T = 25 ºC, 50
system.
2. 3OIP measured with two tones at an output power of +2 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Noise figure can be optimized by matching the input for optimal return loss.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Storage Temperature
-55 to +150
qC
DC Voltage
+5.5 V
RF Input Power (continuous)
+7 dBm
Junction Temperature
+220
qC
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance (4)
Parameter
Units
Typical
Frequency
MHz
900
1900
900
1900
S21
dB
14
12.8
14
12.5
S11 (5)
dB
-10
-9
-10
-9
S22
dB
-27
-22
-28
-19
Output P1dB
dBm
+18
+18
+16
+16
Output IP3
dBm
+39
+39
+38
+38
Noise Figure
dB
2.4
2.6
2.3
2.6
Supply Voltage
V
+4.5
+3.3
Device Current
mA
78
75
4. Parameters reflect performance in an AM1-PCB application circuit, as shown on page 4.
5. Input return loss can be dramatically improved (<-20 dB) for narrowband applications as shown on
page 5 of this datasheet.
Ordering Information
Part No.
Description
AM1-G
High Dynamic Range Gain Block
(lead-free/green/RoHS-compliant SOT-89 Pkg)
AM1-PCB
0.8 – 2.6 GHz Fully Assembled Application Circuit


Similar Part No. - AM1-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1-PCB ETC-AM1-PCB Datasheet
126Kb / 5P
High Dynamic Range Gain Block
More results

Similar Description - AM1-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
High Dynamic Range Gain Block
AM1 ETC-AM1 Datasheet
126Kb / 5P
High Dynamic Range Gain Block
logo
WJ Communication. Inc.
AG103 WJCI-AG103 Datasheet
167Kb / 5P
High Dynamic Range Gain Block
AG102 WJCI-AG102 Datasheet
399Kb / 6P
High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
logo
WJ Communication. Inc.
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
High Dynamic Range Gain Block
AM1-G TRIQUINT-AM1-G_15 Datasheet
752Kb / 6P
High Dynamic Range Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com