Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5608AD Datasheet(PDF) 76 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5608AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5608AD Datasheet(HTML) 76 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5608AD Datasheet HTML 72Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 75Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 76Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 80Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 377 page
background image
4.3 I/O port application notes
Traditional 8051 access I/O (signal transition or read status) timing is 12 clocks, STC12C5620AD series MCU is
4 clocks. When you need to read an external signal, if internal output a rising edge signal, for the traditional 8051,
this process is 12 clocks, you can read at once, but for STC12C5620AD series MCU, this process is 4 clocks,
when internal instructions is complete but external signal is not ready, so you must delay 1~2 nop operation.
When MCU is connected to a SPI or I2C or other open-drain peripherals circuit, you need add a 10K pull-up
resistor.
Some IO port connected to a PNP transistor, but no pul-up resistor. The correct access method is IO port pull-up
resistor and transistor base resistor should be consistent, or IO port is set to a strongly push-pull output mode.
Using IO port drive LED directly or matrix key scan, needs add a 470ohm to 1Kohm resistor to limit current.
4.4 Typical transistor control circuit
If I/O is configed as “weak” pull-up, you should add a external pull-up resistor R1(3.3K~10K ohm). If no pull-up
resistor R1, proposal to add a 15K ohm series resistor R2 at least or config I/O as “push-pull” mode.
common I/O port
R1
10K(3.3K~10K)
R3
R2
15K(3.3K~15K)
4.5 Typical diode control circuit
I/O
1K
For weak pull-up / quasi-bidirectional I/O, use sink current drive LED, current limiting resistor as greater than 1K
ohm, minimum not less than 470 ohm.
I/O
1K
For push-pull / strong pull-up I/O, use drive current drive LED.
Vcc
Vcc
Vcc
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com