Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5608AD Datasheet(PDF) 9 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5608AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5608AD Datasheet(HTML) 9 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5608AD Datasheet HTML 5Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 6Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 7Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 8Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 9Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 10Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 11Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 12Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 13Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 377 page
background image
1.3 Pin Configurations
All packages meet the European Union RoHS standards. LQFP-32 also conform to the Green standard.
Packages such as SOP-20/28/32 and LQFP-32 are strongly recommended though the traditional DIP packages are
steady supplied.
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
P2.1
P1.7/SCLK/ADC7
P1.4/SS/ADC4
P1.3/ADC3
P1.2/ADC2
P1.1/ADC1/CLKOUT1
P1.6/MISO/ADC6
P1.5/MOSI/ADC5
P2.0/PCA2/PWM2
P1.0/ADC0/CLKOUT0
P3.7/PCA0/PWM0
P2.7
P2.6
RST
TxD/P3.1
XTAL2
XTAL1
Gnd
RxD/P3.0
INT1/P3.3
ECI/T0/P3.4
PWM1/PCA1/T1/P3.5
INT0/P3.2
P2.2
P2.3
PWM3/PCA3/P2.4
P2.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P0.3
P0.2
P0.0
P0.1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
P2.1
P1.7/SCLK
P1.4/SS
P1.3
P1.2
P1.1/CLKOUT1
P1.6/MISO
P1.5/MOSI
P2.0/PCA2/PWM2
P1.0/CLKOUT0
P3.7/PCA0/PWM0
P2.7
P2.6
RST
TxD/P3.1
XTAL2
XTAL1
Gnd
RxD/P3.0
INT1/P3.3
ECI/T0/P3.4
PWM1/PCA1/T1/P3.5
INT0/P3.2
P2.2
P2.3
PWM3/PCA3/P2.4
P2.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P0.3
P0.2
P0.0
P0.1
STC12C5620AD series (with A/D Converter), SOP-32
27 I/O ports
STC12C5620 series (without A/D Converter), SOP-32
LQFP-32 Package : length×width = 9mm×9mm height < 1.6mm
LQFP-32
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
RxD/P3.0
RST
P2.3
P2.2
Vcc
P2.1
PWM2/PCA2/P2.0
ADC7/SCLK/P1.7
P3.5/T1/PCA1/PWM1
P2.4/PCA3/PWM3
P2.5
Gnd
P2.6
P2.7
P3.7/PCA0/PWM0
P1.0/ADC0/CLKOUT0
LQFP-32
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
RxD/P3.0
RST
P2.3
P2.2
Vcc
P2.1
PWM2/PCA2/P2.0
ADC7/SCLK/P1.7
P3.5/T1/PCA1/PWM1
P2.4/PCA3/PWM3
P2.5
Gnd
P2.6
P2.7
P3.7/PCA0/PWM0
P1.0/CLKOUT0
STC12C5620AD series (with A/D Converter), LQFP-32
27 I/O ports
STC12C5620 series (without A/D Converter), LQFP-32
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com