Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5608AD Datasheet(PDF) 90 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5608AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5608AD Datasheet(HTML) 90 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5608AD Datasheet HTML 86Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 87Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 88Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 89Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 90Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 91Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 92Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 93Page - STCmicro Technology Co,.Ltd STC12LE5608AD Datasheet HTML 94Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 377 page
background image
ADDC A,Rn
Bytes:
1
Cycles:
1
Encoding:
0 0 1 1
1 r r r
Operation:
ADDC
(A)←(A) + (C) + (Rn)
←(A) + (C) + (Rn)
(A) + (C) + (Rn)
ADDC A,direct
Bytes:
2
Cycles:
1
Encoding:
0 0 1 1
0 1 0 1
direct address
Operation:
ADDC
(A)←(A) + (C) + (direct)
←(A) + (C) + (direct)
(A) + (C) + (direct)
ADDC A,@Ri
Bytes:
1
Cycles:
1
Encoding:
0 0 1 1
0 1 1 i
Operation:
ADDC
(A)←(A) + (C) + ((Ri))
←(A) + (C) + ((Ri))
(A) + (C) + ((Ri))
ADDC A,#data
Bytes:
2
Cycles:
1
Encoding:
0 0 1 1
0 1 0 0
immediate data
Operation:
ADDC
(A)←(A) + (C) + #data
←(A) + (C) + #data
(A) + (C) + #data
AJMP addr 11
Function:
Absolute Jump
Description:
AJMP transfers program execution to the indicated address, which is formed at run-time by
concatenating the high-order five bits of the PC (after incrementing the PC twice), opcode
bits 7-5, and the second byte of the instruction. The destination must therefore be within the
same 2K block of program memory as the first byte of the instruction following AJMP.
Example:
The label “JMPADR” is at program memory location 0123H. The instruction,
AJMP JMPADR
is at location 0345H and will load the PC with 0123H.
Bytes:
2
Cycles:
2
Encoding:
a10 a9 a8 0
0 0 0 1
a7 a6 a5 a4
a3 a2 a1 a0
Operation:
AJMP
(PC)← (PC)+ 2
← (PC)+ 2
(PC)+ 2
(PC
10-0)← page address
← page address
page address
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com