Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC850SR Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC850SR
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850SR Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC850SR Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
5
Features
— Gate mode can enable/disable counting
— Interrupt can be masked on reference match and event capture
•
Interrupts
— Eight external interrupt request (IRQ) lines
— Twelve port pins with interrupt capability
— Fifteen internal interrupt sources
— Programmable priority among SCCs and USB
— Programmable highest-priority request
•
Single socket PCMCIA-ATA interface
— Master (socket) interface, release 2.1 compliant
— Single PCMCIA socket
— Supports eight memory or I/O windows
•
Communications processor module (CPM)
— 32-bit, Harvard architecture, scalar RISC communications processor (CP)
— Protocol-specific command sets (for example, GRACEFUL STOP TRANSMIT stops transmission
after the current frame is finished or immediately if no frame is being sent and CLOSE RXBD
closes the receive buffer descriptor)
— Supports continuous mode transmission and reception on all serial channels
— Up to 8 Kbytes of dual-port RAM
— Twenty serial DMA (SDMA) channels for the serial controllers, including eight for the four
USB endpoints
— Three parallel I/O registers with open-drain capability
•
Four independent baud-rate generators (BRGs)
— Can be connected to any SCC, SMC, or USB
— Allow changes during operation
— Autobaud support option
•
Two SCCs (serial communications controllers)
— Ethernet/IEEE 802.3, supporting full 10-Mbps operation
— HDLC/SDLC™ (all channels supported at 2 Mbps)
— HDLC bus (implements an HDLC-based local area network (LAN))
— Asynchronous HDLC to support PPP (point-to-point protocol)
— AppleTalk®
— Universal asynchronous receiver transmitter (UART)
— Synchronous UART
— Serial infrared (IrDA)
— Totally transparent (bit streams)
— Totally transparent (frame based with optional cyclic redundancy check (CRC))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com