Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC850SR Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC850SR
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850SR Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC850SR Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC850SR Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
64
Freescale Semiconductor
Mechanical Data and Ordering Information
customers that are currently using the non-JEDEC pin numbering scheme, two sets of pinouts, JEDEC and
non-JEDEC, are presented in this document.
Figure 62 shows the non-JEDEC pinout of the PBGA package as viewed from the top surface.
Figure 62. Pin Assignments for the PBGA (Top View)—non-JEDEC Standard
PC14
PB28
PB27
PC12
TCK
PB24
PB23
PA8
PA7
VDDL
PA5
PC7
PC4
PD14
PD10
PD8
PC15
PA14
PA13
PA12
TMS
PB26
PA15
PB30
PB29
PC13
TRST
N/C
PC10
PA6
PB18
PC5
PD13
PD9
PD4
PD5
A8
A7
PB31
TDO
TDI
PC11
PB22
PC9
PB25
PA9
PC8
A11
A9
A12
PB19
PA4
PB16
PD15
PD12
PD7
PD6
PB17
PC6
PD11
PD3
IRQ7
IRQ1
IRQ0
T
R
P
N
M
A15
A14
A13
A27
A19
A16
VDDL
A20
A21
A29
A23
A25
A28
A30
A22
A31
TSIZ0
A26
WE1
TSIZ1
WE0
WE2
GPLA3
GPLA1 GPLA2
CS6
D8
D0
D4
D1
D9
D11
D2
D3
K
J
H
L
D16
D5
D19
VDDL
D21
D6
D29
D7
D30
CLKOUT
DP3
N/C
GND
G
F
VDDH
E
D
CS4
CS7
CS2
XFC VDDSYN
BI
N/C
CS3
CS1
BDIP
BURST IPB4
ALEB
IRQ4 MODCK2HRESETSRESETPORESET
VSSSYN1VSSSYN
BR
BB
IRQ6
IPB3
IPB0
VDDL EXTCLKEXTAL XTAL KAPWR
C
B
A
TA
16
15
14
13
12
11
10
9
87
6
54
32
1
A6
A10
A17
A24
A18
WE3
GPLA0
CS5
WR
GPLB4
CS0
TS
IRQ2
IPB7
IPB2 MODCK1 TEXP
DP1
DP2
GPLA4
TEA
BG
IPB5
IPB1
IPB6
RSTCONFWAITB DP0
GPLA5
D12
D13
D23
D27
D17
D10
D15
D14
D22
D18
D25
D20
D28
D24
D26
D31
N/C
N/C
N/C
N/C
N/C
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com