Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS32 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JS32
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS32 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JS32 Datasheet HTML 1Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 6Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Applicable
bore size
(mm)
Model
6
10 (CJ1)
10 (CZ1), 15 (CJ1)
15 (CZ1)
20
25, 32
40
50, 63
80
100
125, 140
160
JA6-3-050
JA10-4-070
JA15-5-080
JA15-6-100
JA20-8-125
JA30-10-125
JA40-14-150
JA63-18-150
JA80-22-150
JA100-26-150
JA140-30-150
JA160-36-150
3
4
5
6
8
10
14
18
22
26
30
36
0.5
0.7
0.8
1
1.25
1.25
1.5
1.5
1.5
1.5
1.5
1.5
23.2
26
34.5
34.5
44
49.5
60
74.5
89.5
110
152
178
7
9
12.5
12.5
17.5
19.5
20
25
29
35
42
52
8
10
14
14
–
–
–
–
–
–
45
55
12
12
16
16
21
24
31
41
50
59.5
79
96
1.5
1.5
2
2
4.5
5
6
7.5
9.5
11.5
14
16
4
4
6
6
7
8
11
14
19
24
30
36
3.2
4
5
5
7
8
11
13.5
16
20
22
24
5.5
7
10
10
13
17
22
27
32
41
46
55
5
5.5
7
7
8
9
13
15
18
24
38
42
0.5
0.5
0.5
0.5
0.5
0.5
0.75
1
1.25
2
2.5
3
19
54
123
123
1100
2500
4400
11000
18000
28000
54000
71000
0.01
0.01
0.02
0.02
0.05
0.07
0.16
0.31
0.58
1.08
2.7
4.7
M
A
B
C
D
E
F
G
H
15
17
23
23
30.5
34
38
47.5
56.5
68
94.5
112
20
25
32
32, 40
40
32, 40
50
50, 63
80
100
100
125
160
JA20-8-100
JA25-10-150
JA32-10-100
JA40-12-125
JA40-12-150
JA40-12-175
JA50-16-150
JA63-16-200
JA80-20-250
JA100-24-300
JA100-27-150
JA125-27-200
JA160-33-200
8
10
10
12
12
12
16
16
20
24
27
27
33
1
1.5
1
1.25
1.5
1.75
1.5
2
2.5
3
1.5
2
2
44
49.5
49.5
60
60
60
71.5
71.5
90.5
110
110
123
165
17.5
19.5
19.5
20
20
20
22
22
27
32
35
34
38
–
–
–
–
–
–
–
–
30
35
–
38
42
21
24
24
31
31
31
41
41
50
59.5
59.5
66
96
4.5
5
5
6
6
6
7.5
7.5
9.5
11.5
11.5
13
16
7
8
8
11
11
11
14
14
19
24
24
24
36
7
8
8
11
11
11
13.5
13.5
16
20
20
20
24
13
17
17
22
22
22
27
27
32
41
41
41
55
30.5
34
34
38
38
38
44.5
44.5
57.5
68
68
77
99
8
9
9
13
13
13
15
15
18
24
24
24
42
0.5
0.5
0.5
0.75
0.75
0.75
1
1
1.25
2
2
2
3
1100
2500
2500
4400
4400
4400
11000
11000
18000
28000
28000
28000
71000
0.05
0.07
0.07
0.16
0.16
0.16
0.3
0.3
0.6
1.05
1.08
1.5
4.5
(mm)
Center of
sphere
Center of
sphere
Nominal
size
Pitch
Center of
sphere
R
Weight
(kg)
Maximum operating
tension and
compression
force (N)
Standard Pneumatic: Up to 1 MPa Hydraulic: Up to 3.5 MPa
Semi-standard Pneumatic: Up to 1 MPa Hydraulic: Up to 3.5 MPa
Basic Type: JA6 to JA160
JA6 to 15
JA Series
JA20 to 160
Without C-dimension
Use the precision spanner for clock 4 mm in the case of mounting male thread of JA6 and JA10.
Maximum
thread depth
P
Allowable
eccentricity
U
1146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com