Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS32 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # JS32
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS32 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button JS32 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 12Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 13Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 14Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 15Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Precautions
Mounting
Warning
Maintenance
Warning
Specifications
Model
JB12-3-050
JB16-4-070
JB20-5-080
JB25-6-100
JB40-8-125
JB63-10-150
JB80-16-200
JB100-20-250
JB140-22-250
JB160-24-300
12
16
20
25
32, 40
50, 63
80
100
125, 140
160
0.5
0.5
0.5
0.5
0.75
1
1.25
2
2.5
3
Center of sphere
Axial center
Specifications
Operating range
How to Order
J B 40
8-125
12
16
20
25
40
63
80
100
140
160
12
16
20
25
32, 40
50, 63
80
100
125, 140
160
X11
Nil
Operating
pressure
Air pressure compact cylinder
1 MPa or less
Applicable
bore size
(mm)
Applicable
cylinder
nominal thread
size
Maximum operating tension
and compression force (N)
Compression side Tension side
Rotating
angle
Ambient
temperature
Allowable
eccentricity
U (mm)
M3 x 0.5
M4 x 0.7
M5 x 0.8
M6 x 1
M8 x 1.25
M10 x 1.5
M16 x 2
M20 x 2.5
M22 x 2.5
M24 x 3
112
200
1100
2500
6000
11000
18000
28000
54000
71000
112
200
300
500
1300
3100
5000
7900
15300
20000
±5°
For compact cylinders/
Female thread
Applicable bore size (mm)
Symbol Applicable bore size
(mm)
High temperature
specifications
–5 to 100
°C
None
Thread nominal size
Option
Nominal
thread size
Applicable cylinder
nominal thread size
M3 x 0.5
M4 x 0.7
M5 x 0.8
M6 x 1
M8 x 1.25
M10 x 1.5
M16 x 2
M20 x 2.5
M22 x 2.5
M24 x 3
3-050
4-070
5-080
6-100
8-125
10-150
16-200
20-250
22-250
24-300
Be sure to read this before handling
the products. Refer to back page 50
for Safety Instructions.
1. To screw the male threads of the rod into the female
threads of the socket or the case, make sure that it
does not bottom out. If the floating joint is used with its
rod bottomed out, the stud will not be able to float,
causing damage. For the screw-in depth of the female
threads, refer to the dimensions (page 1155). As a
rule, after the rod bottoms out, back off 1 to 2 turns.
2. The dust cover may adhere to the stud. In this
case, move the dust cover at the neck of the stud
by the finger or twist the stud slightly left or right to
break in the dust cover before use.
Additionally, when screwing the stud and socket or the case
into a driven body, screw in such parts with the dust cover
removed. When screwing in such parts without removing
the dust cover, this may cause damage to the dust cover.
3. To use a floating joint to connect the cylinder rod
to a driven body, secure it in place by applying a
torque that is appropriate for the thread size.
Also, if there is a risk of loosening during opera-
tion, take measures to prevent loosening, such
as using a locking pin or thread adhesive.
In the event that the connected portion becomes
loose, the driven body might lose control or fall off,
leading to equipment damage or injury to personnel.
4. This product is not a rotary joint. So, the product cannot
be used for rotational or rotation acting applications.
5. Be sure to use the cushion mechanism of the
cylinder or the buffer mechanism, such as the
shock absorber so that any impact force is not
applied to the floating joint when stopping a
driven body. If there is no buffer mechanism, an
excessive impact force is generated. As a result,
the tensile compression force of the floating joint
may exceed its maximum level.
1. Do not reuse if disassembled.
High strength adhesive is applied to the portion of
the connection that is threaded to prevent it from
loosening, and it must not be disassembled. If it
is forcefully disassembled, it could lead to
damage.
Floating Joint: For Compact Cylinders
JB Series
RoHS
-5 to 60
°C
1. The black zinc chromate treatment is applied to
the material surfaces of the case, flange and foot.
However, the white deposit may rarely occur on
the surface. This white deposit does not affect the
product functions. However, if the white deposit
becomes a problem from a viewpoint of appear-
ance, special products with the surface treatment
changed to the electroless nickel plating are also
available. For details, please contact SMC.
Caution
1154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com