Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS32 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JS32
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS32 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JS32 Datasheet HTML 1Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 6Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
R
R
20
25, 32
40
50, 63
80
100
125, 140
160
JAF20-8-125
JAF30-10-125
JAF40-14-150
JAF63-18-150
JAF80-22-150
JAF100-26-150
JAF140-30-150
JAF160-36-150
8
10
14
18
22
26
30
36
1.25
1.25
1.5
1.5
1.5
1.5
1.5
1.5
32.5
36
49
61.5
76.5
94
131
152
8
9
13
15
18
24
38
42
0.5
0.5
0.75
1
1.25
2
2.5
3
1100
2500
4400
11000
18000
28000
36000
55000
0.08
0.12
0.28
0.63
1.15
2.07
5.2
9
M
A
19
25
32
65
75
90
125
150
B
48
52
70
–
–
–
–
–
L
36
40
52
45
55
65
82
100
C
21
24
31
41
50
59.5
79
96
D
6
6
9
12
16
19
24
29
T
6.6
6.6
9
9
11
11
18
22
J
7
8
11
13.5
16
20
22
24
G
13
17
22
27
32
41
46
55
20
25
32
32, 40
40
32, 40
50
50, 63
80
100
100
125
160
JAF20-8-100
JAF25-10-150
JAF32-10-100
JAF40-12-125
JAF40-12-150
JAF40-12-175
JAF50-16-150
JAF63-16-200
JAF80-20-250
JAF100-24-300
JAF100-27-150
JAF125-27-200
JAF160-33-200
8
10
10
12
12
12
16
16
20
24
27
27
33
1
1.5
1
1.25
1.5
1.75
1.5
2
2.5
3
1.5
2
2
32.5
36
36
49
49
49
61.5
61.5
76.5
94
94
106
152
8
9
9
13
13
13
15
15
18
24
24
24
42
0.5
0.5
0.5
0.75
0.75
0.75
1
1
1.25
2
2
2
3
1100
2500
2500
4400
4400
4400
11000
11000
18000
28000
28000
28000
55000
0.08
0.12
0.12
0.28
0.28
0.28
0.63
0.63
1.15
2.07
2.07
2.8
9
19
25
25
32
32
32
65
65
75
90
90
100
150
48
52
52
70
70
70
–
–
–
–
–
–
–
36
40
40
52
52
52
45
45
55
65
65
72
100
21
24
24
31
31
31
41
41
50
59.5
59.5
66
96
6
6
6
9
9
9
12
12
16
19
19
21
29
6.6
6.6
6.6
9
9
9
9
9
11
11
11
18
22
7
8
8
11
11
11
13.5
13.5
16
20
20
20
24
13
17
17
22
22
22
27
27
32
41
41
41
55
H
19
20.5
27
34.5
43.5
52
73.5
86
19
20.5
20.5
27
27
27
34.5
34.5
43.5
52
52
60
86
(mm)
x
x
Center of sphere
Center of sphere
Applicable
bore size
(mm)
Model
Pitch
Nominal
size
Weight
(kg)
Center of
sphere
R
Maximum operating
tension and
compression
force (N)
Standard Pneumatic: Up to 1 MPa Hydraulic: Up to 3.5 MPa
Semi-standard Pneumatic: Up to 1 MPa Hydraulic: Up to 3.5 MPa
Floating Joint: Standard Type
JA Series
Flange Type: JAF20 to JAF160
JAF20 to ø40
ø
JAF50 to ø160
Maximum
thread depth
P
Allowable
eccentricity
U
1147
J
D-
-X
Technical
Data
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com