Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV10GC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATV10GC
Description  10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATV10GC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATV10GC Datasheet HTML 1Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet
2
Operating Characteristics
Case Temperature = 25°C unless otherwise specified
Notes:
[1] Optical Wavelength between 1525-1575nm. Data to 1610nm available on request.
[2] Measured with 9.95328Gb/s NRZ 1031-1 PRBS data and no FEC.
[3] Load impedance is 50
Ω AC-coupled.
[4] Excludes APD responsivity.
[5] Differential.
[6] Single ended.
[7] Not polarity sensitive.
[8] Response time quoted is to achieve 99% of the desired attenuation value.
Parameter
Symbol
Measurement
Min
Typ
Max
Unit
Conditions
Optical sensitivity BOL
[1] [2]
Sens
231-1 PRBS
-26.5
-25.0
dBm
BER<10-12
V
APD=VM10
Sensitivity penalty EOL
231-1 PRBS
0.75
1.0
dB
over temperature
[1] [2]
BER<10-12
V
APD=VM10
T=-5 to +75°C
Deviation from linear phase
DC - 6GHz
-10
+10
°
High frequency -3dB corner
f
H
V
APD=VM10
7
7.5
GHz
Small signal
Low frequency -3dB corner
f
L
40
kHz
Transimpedance gain
[3] [4] [5]
T
Z
Small signal
1.1
1.6
2.3
k
Ω
Maximum output voltage6
V
OUT
Peak-to-peak
600
700
mV
Return loss
S
22
DC to 7.0GHz
-8
dB
Optical overload
[2]
P
SAT
0dB Attenuation
-3
-1
dBm
V
APD=VM3
BER<10-12
Optical overload extension
With VOA actuated
+13
dBm
APD breakdown voltage
V
br
T=25°C
25
40
V
I
APD=10mA
APD breakdown voltage
T
Vbr
0.030
0.045
0.061
V/°C
temperature coefficient
Dark current
I
d
At 90% of V
br
100
nA
Amplifier bias current
I
cc
75
95
mA
Input current for
I
In lim
Peak-to-peak
0.5
mA
output limiting
VOA maximum attenuation
Att
20
30
dB
VOA control voltage
[7]
V
Att
Attenuation = 20dB
5.5
9
V
VOA current
l
Att
Attenuation = 20dB
6
7.2
mA
VOA power dissipation
P
Att
Attenuation = 20dB
33
65
mW
(continuous)
VOA response time
[8]
From attenuation =
5
10
ms
1dB to 20dB
Polarisation dependent loss
PDL
VOA unbiased
0.15
dB
Polarisation dependent loss
PDL
VOA biased
0.4
dB
Thermistor resistance
R
TH
T=25°C
10
k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com