Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV10GC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATV10GC
Description  10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATV10GC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATV10GC Datasheet HTML 1Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
1
The ATV10GC receiver consists of an avalanche photodiode,
a low-noise preamplifier, a MEMS variable optical attenuator
(VOA), and a precision NTC thermistor in a hermetic coplanar
package with a connectorized single-mode fiber pigtail.
Differential outputs are provided to improve noise rejection for
enhanced sensitivity. It has been optimised for use in 10Gb/s
metro or long-haul applications, either as a discrete device or
within a transponder, using NRZ modulation, with or without
FEC, at data rates up to 10.709Gb/s.
Features:
• High sensitivity, -26.5dBm typical
• Integrated MEMS VOA extends overload beyond
+10dBm
• Low capacitance high speed InGaAs APD
photodetector
• Supports FEC rates up to 10.709Gb/s
• Best in class power consumption, only 350mW
• Designed to exceed the environmental requirements
of Telcordia GR-468-CORE
• RoHS 5/6 compliant
Applications:
• Client or line side links
• DWDM TDM transponder applications
10Gb/s surface mount coplanar APD
preamp receiver with integrated MEMS VOA
ATV10GC


Similar Part No. - ATV10GC

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
ATV10GC BOOKHAM-ATV10GC Datasheet
1Mb / 7P
10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
ATV10GC-J28 BOOKHAM-ATV10GC-J28 Datasheet
1Mb / 7P
10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
ATV10GC-J57 BOOKHAM-ATV10GC-J57 Datasheet
1Mb / 7P
10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
More results

Similar Description - ATV10GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRM5N143DS ETC1-FRM5N143DS Datasheet
1Mb / 7P
InGaAs-APD/Preamp Receiver
logo
Eudyna Devices Inc
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
InGaAs-APD/Preamp Receiver
logo
Bookham, Inc.
AT3SGCC BOOKHAM-AT3SGCC Datasheet
148Kb / 5P
2.5Gb/s High Sensitivity coplanar APD preamp receiver
AT10GC BOOKHAM-AT10GC Datasheet
155Kb / 5P
10Gb/s surface mount coplanar APD preamp receiver for low OSNR applications
AT10XGC BOOKHAM-AT10XGC Datasheet
624Kb / 6P
High Sensitivity 10Gb/s surface mount coplanar APD preamp receiver
ATV10GC BOOKHAM-ATV10GC Datasheet
1Mb / 7P
10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
PT10GC BOOKHAM-PT10GC Datasheet
762Kb / 6P
10Gb/s Coplanar PIN Preamp Receiver
PT10XGC BOOKHAM-PT10XGC Datasheet
530Kb / 5P
10Gb/s High Sensitivity Coplanar PIN Preamp Receiver
PTV10GC BOOKHAM-PTV10GC Datasheet
195Kb / 6P
10Gb/s surface mount coplanar PIN preamp receiver with integrated MEMS VOA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com