Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV10GC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATV10GC
Description  10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATV10GC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATV10GC Datasheet HTML 1Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV10GC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet
4
Out_P
Out_N
FB_IN
1nF
V
V
1nF
1nF
10kOhms @ 25 °C
R
APD
TH
ee
V
ATT
Figure [1] ATV10GC Circuit schematic.
Circuit Schematic
Figure [2] Outline diagram (Illustration only. For full details, refer to appropriate assembly drawing).
Note: Fiber is 900mm secondary coated single-mode fiber, length = 1200 +0/-200mm.
Outline Drawing
Dimensions in mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com