Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843404 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS843404
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843404 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS843404 Datasheet HTML 1Page - Renesas Technology Corp ICS843404 Datasheet HTML 2Page - Renesas Technology Corp ICS843404 Datasheet HTML 3Page - Renesas Technology Corp ICS843404 Datasheet HTML 4Page - Renesas Technology Corp ICS843404 Datasheet HTML 5Page - Renesas Technology Corp ICS843404 Datasheet HTML 6Page - Renesas Technology Corp ICS843404 Datasheet HTML 7Page - Renesas Technology Corp ICS843404 Datasheet HTML 8Page - Renesas Technology Corp ICS843404 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
5
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
TABLE 4C. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = VDDA = VDDO_LVPECL = VDDO_LVDS = 3.3V±5%,
V
DD = VDDA = 3.3V±5%, VDDO_LVPECL = 2.5V±5%, TA = 0°C
TO
70°C
TABLE 4D. LVPECL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, VDDO_LVPECL = 3.3V±5%
OR
2.5V±5%, TA = 0°C TO 70°C
TABLE 4E. LVDS DC CHARACTERISTICS, V
DD = VDDA = VDDO_LVDS = 3.3V±5%, TA = 0°C
TO
70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
0
5
3V
m
Δ V
D
O
V
D
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
4V
m
V
S
O
e
g
a
t
l
o
V
t
e
s
f
f
O
5
3
.
1V
Δ V
S
O
V
S
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
5V
m
TABLE 5. CRYSTAL CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
2V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
3
.
0
-8
.
0V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
R
M
,
K
L
C
_
T
S
E
T
,
0
A
L
E
S
F
_
L
C
E
P
V
L
,
0
B
L
E
S
F
_
L
C
E
P
V
L
1
L
E
S
F
_
S
D
V
L
,
0
L
E
S
F
_
S
D
V
L
V
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
,
1
A
L
E
S
F
_
L
C
E
P
V
L
,
1
B
L
E
S
F
_
L
C
E
P
V
L
L
E
S
_
L
A
T
X
,
L
E
S
_
O
C
V
V
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
R
M
,
K
L
C
_
T
S
E
T
,
0
A
L
E
S
F
_
L
C
E
P
V
L
,
0
B
L
E
S
F
_
L
C
E
P
V
L
1
L
E
S
F
_
S
D
V
L
,
0
L
E
S
F
_
S
D
V
L
V
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=5
-A
µ
,
1
A
L
E
S
F
_
L
C
E
P
V
L
,
1
B
L
E
S
F
_
L
C
E
P
V
L
L
E
S
_
L
A
T
X
,
L
E
S
_
O
C
V
V
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
L
C
E
P
V
L
_
O
D
D
4
.
1
-V
L
C
E
P
V
L
_
O
D
D
9
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
L
C
E
P
V
L
_
O
D
D
0
.
2
-V
L
C
E
P
V
L
_
O
D
D
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
L
C
E
P
V
L
_
O
D
D
.
V
2
-
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
5
.
5
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
5
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
l
e
v
e
L
e
v
i
r
D
1W
m
.
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
p
F
p
8
1
n
a
g
n
i
s
u
d
e
z
i
r
e
t
c
a
r
a
h
C
:
E
T
O
N
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
TSD
IDT™ / ICS™ LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
ICS843404
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com