Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843404 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS843404
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843404 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS843404 Datasheet HTML 2Page - Renesas Technology Corp ICS843404 Datasheet HTML 3Page - Renesas Technology Corp ICS843404 Datasheet HTML 4Page - Renesas Technology Corp ICS843404 Datasheet HTML 5Page - Renesas Technology Corp ICS843404 Datasheet HTML 6Page - Renesas Technology Corp ICS843404 Datasheet HTML 7Page - Renesas Technology Corp ICS843404 Datasheet HTML 8Page - Renesas Technology Corp ICS843404 Datasheet HTML 9Page - Renesas Technology Corp ICS843404 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
6
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
TABLE 6A. AC CHARACTERISTICS, V
DD = VDDA = VDDO_LVPECL = VDDO_LVDS = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 6B. AC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, VDDO_LVPECL = 2.5V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
N
I
y
c
n
e
u
q
e
r
F
t
u
p
n
I
l
a
t
s
y
r
C
5
.
5
2z
H
M
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
5
7
.
8
1
3z
H
M
t
)
b
(
k
s1
E
T
O
N
;
w
e
k
S
k
n
a
B
S
D
V
L
0
3s
p
L
C
E
P
V
L
5
6s
p
t
)
o
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
5
8
5s
p
t
)
Ø
(
t
ij
,
r
e
t
t
i
J
e
s
a
h
P
S
M
R
4
E
T
O
N
;
)
m
o
d
n
a
R
(
L
C
E
P
V
L
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
5
7
.
8
1
32
2
.
3s
p
)
z
H
M
0
2
-
z
H
M
4
7
2
.
1
(
z
H
M
5
.
2
1
28
1
.
3s
p
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
5
7
3
.
9
5
16
0
.
3s
p
)
z
H
M
0
1
-
z
H
k
7
3
6
(
z
H
M
5
2
.
6
0
15
6
.
2s
p
S
D
V
L
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
5
7
.
8
1
34
8
.
2s
p
)
z
H
M
0
2
-
z
H
M
4
7
2
.
1
(
z
H
M
5
.
2
1
23
9
.
2s
p
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
5
7
3
.
9
5
12
3
.
4s
p
)
z
H
M
0
1
-
z
H
k
7
3
6
(
z
H
M
5
2
.
6
0
11
8
.
3s
p
t
L
e
m
i
T
k
c
o
L
L
L
P
1s
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
30
5
8s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
t
a
d
e
r
u
s
a
e
M
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N
.
e
g
a
p
t
x
e
n
e
h
t
n
o
s
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
R
.
l
a
t
s
y
r
c
z
H
M
5
.
5
2
g
n
i
s
u
n
e
k
a
t
e
r
a
s
t
o
l
p
e
s
i
o
n
e
s
a
h
p
ll
A
:
4
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
N
I
y
c
n
e
u
q
e
r
F
t
u
p
n
I
l
a
t
s
y
r
C
5
.
5
2z
H
M
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
5
7
.
8
1
3z
H
M
t
)
b
(
k
s1
E
T
O
N
;
w
e
k
S
k
n
a
B
S
D
V
L
0
3s
p
L
C
E
P
V
L
5
6s
p
t
)
o
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
5
8
5s
p
t
)
Ø
(
t
ij
,
r
e
t
t
i
J
e
s
a
h
P
S
M
R
4
E
T
O
N
;
)
m
o
d
n
a
R
(
L
C
E
P
V
L
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
5
7
.
8
1
34
8
.
2s
p
)
z
H
M
0
2
-
z
H
M
4
7
2
.
1
(
z
H
M
5
.
2
1
22
2
.
4s
p
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
5
7
3
.
9
5
14
7
.
4s
p
)
z
H
M
0
1
-
z
H
k
7
3
6
(
z
H
M
5
2
.
6
0
16
9
.
3s
p
S
D
V
L
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
5
7
.
8
1
34
8
.
2s
p
)
z
H
M
0
2
-
z
H
M
4
7
2
.
1
(
z
H
M
5
.
2
1
23
9
.
2s
p
)
z
H
M
0
2
-
z
H
k
2
1
(
z
H
M
5
7
3
.
9
5
12
3
.
4s
p
)
z
H
M
0
1
-
z
H
k
7
3
6
(
z
H
M
5
2
.
6
0
11
8
.
3s
p
t
L
e
m
i
T
k
c
o
L
L
L
P
1s
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
30
5
8s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
t
a
d
e
r
u
s
a
e
M
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N
.
e
g
a
p
t
x
e
n
e
h
t
n
o
s
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
R
.
l
a
t
s
y
r
c
z
H
M
5
.
5
2
g
n
i
s
u
n
e
k
a
t
e
r
a
s
t
o
l
p
e
s
i
o
n
e
s
a
h
p
ll
A
:
4
E
T
O
N
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
TSD
IDT™ / ICS™ LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
ICS843404
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com