Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-23 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-23 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9250-23 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ICS9250-23
0391B—09/18/03
Frequency Selection
Clock Enable Configuration
4
S
F3
S
F2
S
F1
S
F0
S
F
U
P
C
z
H
M
M
A
R
D
S
z
H
M
z
H
M
6
6
V
3
I
C
P
z
H
M
z
H
M
C
I
P
A
O
I
0
0
000
0
0
.
9
60
5
.
3
0
10
0
.
9
60
5
.
4
35
2
.
7
1
00
0
0
1
0
0
.
0
70
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
1
00
0
1
0
0
0
.
1
70
5
.
6
0
10
0
.
1
70
5
.
5
35
7
.
7
1
00
0
1
1
0
9
.
6
65
3
.
0
0
10
9
.
6
65
4
.
3
33
7
.
6
1
00
1
0
0
0
0
.
2
70
0
.
8
0
10
0
.
2
70
0
.
6
30
0
.
8
1
00
1
0
1
0
0
.
5
70
5
.
2
1
10
0
.
5
70
5
.
7
35
7
.
8
1
00
1
1
0
0
6
.
6
70
9
.
4
1
10
6
.
6
70
4
.
8
30
2
.
9
1
0
0
111
0
0
.
5
80
5
.
7
2
10
0
.
5
80
5
.
2
45
2
.
1
2
0
1
000
0
0
.
8
60
0
.
2
0
10
0
.
8
60
0
.
4
30
0
.
7
1
01
0
0
1
0
0
.
4
70
0
.
1
1
10
0
.
4
70
0
.
7
30
5
.
8
1
01
0
1
0
0
0
.
0
4
10
0
.
0
4
10
0
.
0
70
0
.
5
30
5
.
7
1
01
0
1
1
3
3
.
3
3
13
3
.
3
3
17
6
.
6
63
3
.
3
37
6
.
6
1
01
1
0
0
0
0
.
0
5
10
0
.
0
5
10
0
.
5
70
5
.
7
35
7
.
8
1
01
1
0
1
0
0
.
5
5
10
0
.
5
5
10
5
.
7
75
7
.
8
38
3
.
9
1
01
1
1
0
0
0
.
6
6
10
0
.
6
6
10
0
.
3
80
5
.
1
45
7
.
2
2
0
1
111
0
0
.
6
6
10
0
.
6
6
10
0
.
1
1
10
8
.
5
50
9
.
7
2
1
0
000
7
7
.
1
1
17
7
.
1
1
12
5
.
4
76
2
.
7
33
6
.
8
1
10
0
0
1
8
7
.
4
0
18
7
.
4
0
16
8
.
9
63
9
.
4
36
4
.
7
1
10
0
1
0
1
5
.
9
0
11
5
.
9
0
11
0
.
3
70
5
.
6
35
2
.
8
1
10
0
1
1
0
9
.
0
0
10
9
.
0
0
17
2
.
7
63
6
.
3
32
8
.
6
1
10
1
0
0
0
0
.
7
1
10
0
.
7
1
10
5
.
8
75
2
.
9
33
6
.
9
1
10
1
0
1
5
7
.
3
2
15
7
.
3
2
10
5
.
2
85
2
.
1
42
6
.
0
2
10
1
1
0
3
3
.
3
3
13
3
.
3
3
19
8
.
8
84
4
.
4
42
2
.
2
2
1
0
111
0
5
.
2
4
10
5
.
2
4
10
0
.
5
90
5
.
7
45
7
.
3
2
1
1
000
0
0
.
6
3
15
2
.
2
0
10
5
.
8
65
2
.
4
33
1
.
7
1
11
0
0
1
0
0
.
0
4
10
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
1
11
0
1
0
0
0
.
3
4
10
5
.
7
0
10
0
.
2
70
0
.
6
30
0
.
8
1
11
0
1
1
0
9
.
3
3
18
6
.
0
0
15
4
.
7
63
7
.
3
36
8
.
6
1
11
1
0
0
7
6
.
6
4
10
0
.
0
1
13
3
.
3
77
6
.
6
33
3
.
8
1
11
1
0
1
3
3
.
9
4
10
0
.
2
1
17
6
.
4
73
3
.
7
37
6
.
8
1
11
1
1
0
0
3
.
3
5
19
2
.
5
1
14
2
.
7
72
6
.
8
30
3
.
9
1
1
1
111
7
6
.
6
6
12
3
.
5
2
14
3
.
3
87
6
.
1
43
8
.
0
2
#
D
PK
L
C
U
P
CM
A
R
D
SC
I
P
A
O
Iz
H
M
6
6K
L
C
I
C
P
,
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
0W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
1N
ON
ON
ON
ON
ON
ON
ON
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com