Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-23 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-23 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9250-23 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated
Circuit
Systems, Inc.
ICS9250-23
0391B—09/18/03
Block Diagram
Pin Configuration
Recommended Application:
810/810E type chipset
Output Features:
•
2 - CPUs @ 2.5V, up to 166MHz.
•
13 - SDRAM @ 3.3V, up to 166MHz.
•
2 - 3V66 @ 3.3V, 2x PCI MHz.
•
8 - PCI @3.3V.
•
1 - 48MHz, @3.3V fixed.
•
1 - 24MHz @ 3.3V
•
2 - REF @3.3V, 14.318MHz.
Features:
•
Up to 166MHz frequency support
•
Support power management through PD#.
•
Spread spectrum for EMI control (± 0.25%)
center spread.
•
Uses external 14.318MHz crystal
•
FS pins for frequency select
Key Specifications:
•
CPU Output Jitter: <250ps
•
IOAPIC Output Jitter: <500ps
•
48MHz, 3V66, PCI Output Jitter: <500ps
•
Ref Output Jitter. <1000ps
•
CPU Output Skew: <175ps
•
PCI Output Skew: <500ps
•
3V66 Output Skew <175ps
•
For group skew timing, please refer to the
Group Timing Relationship Table.
Frequency Generator & Integrated Buffers for Celeron & PII/III™
56-Pin 300 mil SSOP
1. These pins will have 2X drive strength.
* 120K ohm pull-up to VDD on indicated inputs.
Power Groups
GNDREF, VDDREF = REF, Crystal
GND3V66, VDD3V66 = 3V66
GNDPCI, VDDPCI = PCICLKs
GNDCOR, VDDCOR = PLLCORE
GND48, VDD48 = 48
GNDSDR, VDDSDR = SDRAM
GNDLCPU, VDDLCPU = CPUCLK
GNDLPCI, VDDLAPIC = IOAPIC
SDATA
SCLK
IC
2
{
PLL2
PLL1
Spread
Spectrum
48MHz
24MHz
CPUCLK [1:0]
SDRAM [11:0]
IOAPIC
PCICLK [7:0]
SDRAM_F
3V66 [1:0]
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
FS[4:0]
PD#
Control
Logic
Config.
Reg.
/ 2
REF[1:0]


Similar Part No. - ICS9250-23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
More results

Similar Description - ICS9250-23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9248-146 RENESAS-ICS9248-146 Datasheet
347Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-98 RENESAS-ICS9248-98 Datasheet
370Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-99 RENESAS-ICS9248-99 Datasheet
1Mb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-18 RENESAS-ICS9250-18 Datasheet
316Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
09/08/05
ICS9250-28 RENESAS-ICS9250-28 Datasheet
513Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS951703 RENESAS-ICS951703 Datasheet
476Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com