Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-23 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS9250-23
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-23 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9250-23 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-23 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
ICS9250-23
0391B—09/18/03
Absolute Maximum Ratings
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Group Timing Relationship Table
Core Supply Voltage . . . . . . . . . . . . . . . . . . . . 4.6 V
I/O Supply Voltage . . . . . . . . . . . . . . . . . . . . . 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . 115°C
p
u
o
r
G
z
H
M
6
6
U
P
Cz
H
M
0
0
1
U
P
Cz
H
M
3
3
1
U
P
C
t
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
Tt
e
s
f
f
Oe
c
n
a
r
e
l
o
T
M
A
R
D
S
o
t
U
P
Cs
n
5
.
2s
p
0
0
5s
n
0
.
5s
p
0
0
5s
n
0
.
0s
p
0
0
5
6
6
V
3
o
t
U
P
Cs
n
5
.
7s
p
0
0
5s
n
0
.
5s
p
0
0
5s
n
0
.
0s
p
0
0
5
6
6
V
3
o
t
M
A
R
D
Ss
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5s
n
0
.
0s
p
0
0
5
I
C
P
o
t
6
6
V
3s
n
5
.
3
-
5
.
1s
p
0
0
5s
n
5
.
3
-
5
.
1s
p
0
0
5s
n
5
.
3
-
5
.
1s
p
0
0
5
T
O
D
&
B
S
Uh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
Nh
c
n
y
s
AA
/
N
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
mA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
mA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
mA
Operating
IDD3.3V
Cl = 0 pF; Select @ 66M
119
280
Supply Current
IDDL2.5V
Cl = 0 pF; Select @ 66M
3
25
Power Down Current
IDD3.3VPD
Cl = 0 pF; With Input to Vdd or Gnd
600
mA
Input frequency
Fi
VDD = 3.3 V
14.318
MHz
Input Capacitance
1
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Transition Time
1
TTrans
To 1st crossing of target Freq.
3
ms
Settling Time
1
TS
From 1st crossing to 1% target Freq.
1
3
ms
Clk Stabilization
1
TStab
From VDD = 3.3 V to 1% target Freq.
3
ms
TPZH,TPZL
output enable delay(all outputs)
1
10
ns
TPHZ,TPLZ
output disable delay(all outputs)
1
10
ns
1Guaranteed by design, not 100% tested in production.
mA
Delay
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com