Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5860RKPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860RKPR
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860RKPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5860RKPR Datasheet HTML 3Page - Texas Instruments LP5860RKPR Datasheet HTML 4Page - Texas Instruments LP5860RKPR Datasheet HTML 5Page - Texas Instruments LP5860RKPR Datasheet HTML 6Page - Texas Instruments LP5860RKPR Datasheet HTML 7Page - Texas Instruments LP5860RKPR Datasheet HTML 8Page - Texas Instruments LP5860RKPR Datasheet HTML 9Page - Texas Instruments LP5860RKPR Datasheet HTML 10Page - Texas Instruments LP5860RKPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
VCC = 3.3V, VLED = 5V, VIO = 1.8V and TA = –40°C to +85°C; Typical values are at TA = 25°C (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Device supply voltage
2.7
5.5
V
VUVR
Undervoltage restart
VCC rising, Test mode
2.5
V
VUVF
Undervoltage shutdown
VCC falling, Test mode
1.9
V
VUV_HYS Undervoltage shutdown hysteresis
0.3
V
VCAP
Internal LDO output
VCC = 2.7V to 5.5V
1.78
V
ICC
Shutdown supply current ISHUTDOWN
VEN = 0, CHIP_EN = 0 (bit), ADDx = 0;
measure the total current from VCC and
VLED
0.1
1
µA
Standby supply current ISTANDBY
VEN = 3.3V, CHIP_EN = 0 (bit), measure the
total current from VCC and VLED
5.5
12
µA
Active mode supply current INORMAL
VEN = 3.3V, CHIP_EN = 1 (bit), all channels
IOUT = 12.5 mA (MC = 1, CC = 127, DC =
256), measure the current from VCC
4.3
6
mA
VLED
LED supply voltage
2.7
5.5
V
VVIO
VIO supply voltage
1.65
5.5
V
IVIO
VIO supply current
Interface idle
5
µA
Output Stages
ICS
Constant current sink output range
(CS0 – CS17)
2.7 <= VCC < 3.3V, PWM = 100%
0.1
75
mA
VCC >= 3.3V PWM = 100%
0.1
125
mA
ILKG
Leakage current (CS0 – CS17)
channels off, up_deghost = 0, VCS=5V
0.1
1
µA
IERR_DD
Device to device current error,
IERR_DD = (IAVE-ISET)/ISET×100%
All channels ON. Current set to 1 mA. MC =
0 CC = 17 DC = 255 PWM = 100%
–5
5
%
All channels ON. Current set to 25 mA. MC
= 2 CC = 127 DC = 255 PWM = 100%
–5
5
%
All channels ON. Current set to 50 mA. MC
= 4 CC = 127 DC = 255 PWM = 100%
–5
5
%
All channels ON. Current set to 75 mA.
MC=5 CC=64 DC=255 PWM=100%
–5
5
%
All channels ON. Current set to 125 mA.
MC = 7 CC = 127 DC = 255 PWM = 100%
–5
5
%
IERR_CC
Channel to channel current error,
IERR_CC = (IOUTX-IAVE)/IAVE×100%
All channels ON. Current set to 1 mA. MC =
0 CC = 17 DC = 255 PWM = 100%
–5
5
%
All channels ON. Current set to 25 mA. MC
= 2 CC = 127 DC = 255 PWM = 100%
–5
5
%
All channels ON. Current set to 50 mA. MC
= 4 CC = 127 DC = 255 PWM = 100%
–5
5
%
All channels ON. Current set to 75 mA.
MC=5 CC=64 DC=255 PWM=100%
–5
5
%
All channels ON. Current set to 125 mA.
MC = 7 CC = 127 DC = 255 PWM = 100%
–5
5
%
fPWM
LED PWM frequency
PWM_Fre = 1
62.5
KHz
PWM_Fre = 0
125
KHz
VSAT
Output saturation voltage
IOUT = 125mA, decreasing output voltage,
when the LED current has dropped 5%
0.9
V
IOUT = 100mA, decreasing output voltage,
when the LED current has dropped 5%
0.7
V
IOUT = 75mA, decreasing output voltage,
when the LED current has dropped 5%
0.6
V
IOUT = 25mA, decreasing output voltage,
when the LED current has dropped 5%
0.5
V
Logic Interfaces
www.ti.com
LP5861T
SNVSCE4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com