Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5860RKPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860RKPR
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860RKPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5860RKPR Datasheet HTML 4Page - Texas Instruments LP5860RKPR Datasheet HTML 5Page - Texas Instruments LP5860RKPR Datasheet HTML 6Page - Texas Instruments LP5860RKPR Datasheet HTML 7Page - Texas Instruments LP5860RKPR Datasheet HTML 8Page - Texas Instruments LP5860RKPR Datasheet HTML 9Page - Texas Instruments LP5860RKPR Datasheet HTML 10Page - Texas Instruments LP5860RKPR Datasheet HTML 11Page - Texas Instruments LP5860RKPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
VCC = 3.3V, VLED = 5V, VIO = 1.8V and TA = –40°C to +85°C; Typical values are at TA = 25°C (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLOGIC_IL
Low-level input voltage, SDA, SCL,
SCLK, MOSI, SS, ADDRx, VSYNC, IFS
0.3 x VIO
V
VLOGIC_IH
High-level input voltage, SDA, SCL,
SCLK, MOSI, SS, ADDRx, VSYNC, IFS
0.7 x VIO
V
VEN_IL
Low-level input voltage of EN
0.4
V
VEN_IH
High-level input voltage of EN
When VCAP powered up
1.4
V
ILOGIC_I
Input current, SDA, SCL, SCLK, MOSI,
SS, ADDRx
–1
1
µA
VLOGIC_O
L
Low-level output voltage, SDA, MISO
IPULLUP = 3 mA
0.4
V
VLOGIC_O
H
High-level output voltage, MISO
IPULLUP = –3 mA
0.7 x VIO
V
Protection Circuits
VLOD_TH Thershold for channel open detection
0.25
V
VLSD_TH Thershold for channel short detection
VLED – 1
V
TTSD
Thermal-shutdown junction temperature
150
°C
THYS
Thermal shutdown temperature
hysteresis
15
°C
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
MISC. Timming Requirements
fOSC
Internal oscillator frequency
31.2
MHz
fOSC _ERR
Device to device oscillator frequency error
–3%
3%
tPOR_H
Wait time from UVLO disactive to device NORMAL
500
µs
tCHIP_EN
Wait time from setting Chip_EN (Register) =1 to device NORMAL
100
µs
tRISE
LED output rise time
10
ns
tFALL
LED output fall time
15
ns
tVSYNC_H
The minimum high-level pulse width of VSYNC
200
µs
SPI timing requirements
fSCLK
SPI Clock frequency
12
MHz
1
Cycle time
83.3
ns
2
SS active lead-time
50
ns
3
SS active leg time
50
ns
4
SS inactive time
50
ns
5
SCLK low time
36
ns
6
SCLK high time
36
ns
7
MOSI set-up time
20
ns
8
MOSI hold time
20
ns
9
MISO disable time
30
ns
10
MISO data valid time
35
ns
Cb
Bus capacitance
5
40
pF
I2C fast mode timing requirements
fSCL
I2C clock frequency
0
400
KHz
1
Hold time (repeated) START condition
600
ns
2
Clock low time
1300
ns
3
Clock high time
600
ns
LP5861T
SNVSCE4 – MAY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com