Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8714008I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS8714008I
Description  FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8714008I Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS8714008I Datasheet HTML 1Page - Renesas Technology Corp ICS8714008I Datasheet HTML 2Page - Renesas Technology Corp ICS8714008I Datasheet HTML 3Page - Renesas Technology Corp ICS8714008I Datasheet HTML 4Page - Renesas Technology Corp ICS8714008I Datasheet HTML 5Page - Renesas Technology Corp ICS8714008I Datasheet HTML 6Page - Renesas Technology Corp ICS8714008I Datasheet HTML 7Page - Renesas Technology Corp ICS8714008I Datasheet HTML 8Page - Renesas Technology Corp ICS8714008I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ICS8714008I DATA SHEET
FEMTOCLOCK® ZERO DELAY BUFFER/CLOCK GENERATOR FOR PCI EXPRESSTM AND ETHERNET
ICS8714008DKI REVISION A NOVEMBER 25, 2013
3
©2013 Integrated Device Technology, Inc.
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
Number
Name
Type
Description
1, 7, 30, 37,
42, 45
VDD
Power
Core supply pins.
2
OE_MLVDS
Input
Pullup
Active High Output Enable. When HIGH, the M-LVDS output driver is active
and provides a buffered copy of reference clock applied the CLK, nCLK
input to the MLVDS, nMLVDS output pins. The MLVDS, nMLVDS
frequency equals the CLK, nCLK frequency divided by the PDIV Divider
value (selectable ÷1, ÷4, ÷5, ÷8). When LOW, the M-LVDS output driver is
placed into a High-impedance state and the MLVDS, nMLVDS pins can
accept a differential input. LVCMOS/LVTTL interface levels.
3MLVDS
I/O
Non-Inverting M-LVDS input/output. The input/output state is determined by
the OE_MLVDS pin. When OE_MLVDS = HIGH, this pin is an output and
drives the non-inverting M-LVDS output. When OE_MLVDS = LOW, this pin
is an input and can accept the following differential input levels: M-LVDS,
LVDS, LVPECL, HSTL, HCSL.
4nMLVDS
I/O
Inverting M-LVDS input/output. The input/output state is determined by the
OE_MLVDS pin. When OE_MLVDS = HIGH, this pin is an output and drives
the inverting M-LVDS output. When OE_MLVDS = LOW, this pin is an input
and can accept the following differential input levels: M-LVDS, LVDS,
LVPECL, HSTL, HCSL.
5, 14, 19
GND
Power
Power supply ground.
6
PLL_SEL
Input
Pullup
PLL select. Determines if the PLL is in bypass or enabled mode (default). In
enabled mode, the output frequency = VCO frequency/QDIV divider. In
bypass mode, the output frequency = reference clock frequency/(PDIV
*QDIV). LVCMOS/LVTTL interface levels.
8, 26
nc
Unused
No internal connection.
9
FBO_DIV
Input
Pulldown
Output Divider Control for the feedback output pair, FBOUT, nFBOUT.
Determines if the output divider = ÷4 (default), or ÷5. Refer to Table 3D.
LVCMOS/LVTTL interface levels.
10
MR
Input
Pulldown
Active High master reset. When logic HIGH, the internal dividers are reset
causing all the true outputs Qx to drive High-impedance. Note that assertion
of MR overrides the OE[2:0] control pins and all outputs are disabled. When
logic LOW, the internal dividers are enabled and the state of the outputs are
determined by OE[2:0]. MR must be asserted on power-up to ensure
outputs phase aligned. LVCMOS/LVTTL interface levels.
11
OE0
Input
Pullup
Output Enable. Together with OE1 and OE2, determines the output state of
the outputs with the default state: all output pairs switching. It should also be
noted that the feedback output pins (FBOUT, nFBOUT) are always
switching and are not affected by the state of OE[2:0]. Refer to Table 3B for
truth table. LVCMOS/LVTTL Interface levels.
12
OE1
Input
Pullup
Output Enable. Together with OE0 and OE2, determines the output state of
the outputs with the default state: all output pairs switching. It should also be
noted that the feedback output pins (FBOUT, nFBOUT) are always
switching and are not affected by the state of OE[2:0]. Refer to Table 3B for
truth table. LVCMOS/LVTTL Interface levels.
13
OE2
Input
Pullup
Output Enable. Together with OE0 and OE1, determines the output state of
the outputs with the default state: all output pairs switching. It should also be
noted that the feedback output pins (FBOUT, nFBOUT) are always
switching and are not affected by the state of OE[2:0]. Refer to table 3B for
truth table. LVCMOS/LVTTL Interface levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com