Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8714008I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8714008I
Description  FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8714008I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8714008I Datasheet HTML 1Page - Renesas Technology Corp ICS8714008I Datasheet HTML 2Page - Renesas Technology Corp ICS8714008I Datasheet HTML 3Page - Renesas Technology Corp ICS8714008I Datasheet HTML 4Page - Renesas Technology Corp ICS8714008I Datasheet HTML 5Page - Renesas Technology Corp ICS8714008I Datasheet HTML 6Page - Renesas Technology Corp ICS8714008I Datasheet HTML 7Page - Renesas Technology Corp ICS8714008I Datasheet HTML 8Page - Renesas Technology Corp ICS8714008I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
DATASHEET
FemtoClock® Zero Delay Buffer/ Clock
Generator for PCI Express™ and Ethernet
ICS8714008I
ICS8714008DKI REVISION A NOVEMBER 25, 2013
1
©2013 Integrated Device Technology, Inc.
General Description
The ICS8714008I is Zero-Delay Buffer/Frequency Multiplier with
eight differential HCSL output pairs, and uses external feedback
(differential feedback input and output pairs) for “zero delay” clock
regeneration. In PCI Express and Ethernet applications, 100MHz
and 125MHz are the most commonly used reference clock
frequencies and each of the eight output pairs can be independently
set for either 100MHz or 125MHz. With an output frequency range of
98MHz to 165MHz, the device is also suitable for use in a variety of
other applications such as Fibre Channel (106.25MHz) and XAUI
(156.25MHz). The M-LVDS Input/Output pair is useful in backplane
applications when the reference clock can either be local (on the
same board as the ICS8714008I) or remote via a backplane
connector. In output mode, an input from a local reference clock
applied to the CLK, nCLK input pins is translated to M-LVDS and
driven out to the MLVDS, nMLVDS pins. In input mode, the internal
M-LVDS driver is placed in High-impedance state using the
OE_MLVDS pin and MLVDS, nMLVDS pin then becomes an input
(e.g. from a backplane).
The ICS8714008I uses very low phase noise FemtoClock
technology, thus making it ideal for such applications as PCI Express
Generation 1, 2 and 3 as well as for Gigabit Ethernet, Fibre Channel,
and 10 Gigabit Ethernet. It is packaged in a 56-VFQFN package
(8mm x 8mm).
Features
• Eight 0.7V differential HCSL output pairs, individually selectable
for 100MHz or 125MHz for PCIe and Ethernet applications
• One differential clock input pair CLK, nCLK can accept the
following differential input levels: LVPECL, LVDS, M-LVDS,
LVHSTL, HCSL
• One M-LVDS I/O pair (MLVDS, nMLVDS)
• Output frequency range: 98MHz - 165MHz
• Input frequency range: 19.6MHz - 165MHz
• VCO range: 490MHz - 660MHz
• PCI Express (2.5 Gb/s), Gen 2 (5 Gb/s), and Gen 3 (8 Gb/s)
jitter compliant
• External feedback for “zero delay” clock regeneration
• RMS phase jitter @ 125MHz (1.875MHz – 20MHz):
0.59ps (typical)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHs 6) packaging
Pin Assignment
ICS8714008I
56-Lead VFQFN
8mm x 8mm x 0.925mm package body
4.5mm x 5.2mm ePad size
K Package
Top View
15
17 18
21
24 25
27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
36
37
38
39
40
41
42
35
34
33
32
31
30
29
VDD
OE_MLVDS
MLVDS
nMLVDS
GND
PLL_SEL
VDD
GND
nc
FBO_DIV
MR
OE0
OE1
OE2
VDD
Q2
nQ2
Q3
nQ3
VDD
IREF
Q4
nQ4
Q5
nQ5
FBOUT
nFBOUT
VDD
48
49
50
51
52
53
54
55
56
47 46 45 44 43


Similar Part No. - ICS8714008I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
More results

Similar Description - ICS8714008I

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
PCI-Express Clock Generator
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
PCI-Express Clock Generator
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
PCI EXPRESS??CLOCK GENERATOR
ICS8743008I IDT-ICS8743008I Datasheet
1Mb / 28P
FEMTOCLOCKS??LVDS/LVPECL ZERO DELAY BUFFER/CLOCK GENERATOR FOR PCI EXPRESS??AND ETHERNET
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
PCI Express™ Clock Generator
Revision C, July 15, 2016
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com