Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951703 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS951703
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951703 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS951703 Datasheet HTML 4Page - Renesas Technology Corp ICS951703 Datasheet HTML 5Page - Renesas Technology Corp ICS951703 Datasheet HTML 6Page - Renesas Technology Corp ICS951703 Datasheet HTML 7Page - Renesas Technology Corp ICS951703 Datasheet HTML 8Page - Renesas Technology Corp ICS951703 Datasheet HTML 9Page - Renesas Technology Corp ICS951703 Datasheet HTML 10Page - Renesas Technology Corp ICS951703 Datasheet HTML 11Page - Renesas Technology Corp ICS951703 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
ICS951703
Electrical Characteristics - IOAPIC
TA = 0 - 70C; VDDL=2.5V +/-5% ; CL = 10-20 pF (unles s otherwis e s pecified)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output Impedance
RDSP 2B
1
VO = VDD*(0.5)
13.5
27
45
Ω
Output Impedance
RDSN2B
1
VO = VDD*(0.5)
13.5
27
45
Ω
Output High Voltage
VOH2B
IOH = -1 mA
2
V
Ou tput Low Voltage
VOL2B
IOL = 1 mA
0.4
V
Output High Current
IOH2B
V OH@ MIN = 1.0 V, V OH@ MAX = 2.375 V
-27
-27
mA
Ou tput Low Current
IOL2B
VOL @ MIN = 1.2 V, VOL @ MAX = 0.3 V
27
30
mA
Ris e Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
0.4
1.1
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
0.4
1.15
1.6
ps
Duty Cycle
dt2B
1
VT = 1.25 V
45
49.5
55
%
Skew
tsk2B
1
VT = 1.25 V
10
250
ps
Jitter
tjcyc-cyc
1
VT = 1.25 V
80
500
ps
1
Guaranteed by des ign, not 100% tes ted in production.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD=3.3V +/-5% ; CL = 10-20 pF (unles s otherwis e s pecified)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output Impedance
RDSP 1
1
VO = VDD*(0.5)
10
15
24
Ω
Output Impedance
RDNP 1
1
VO = VDD*(0.5)
10
15
24
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Ou tput Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH@ MIN = 2.0 V, V OH@ MAX = 3.135 V
-54
-46
mA
Ou tput Low Current
IOL
1
VOL @ MIN = 1.0 V, VOL @ MAX = 0.4 V
54
53
mA
Ris e Time
tr1
1
VOL = 0.4 V, VOH = 2.0 V
0.4
1.1
1.6
ns
Fall Time
tf1
1
VOH = 2.0 V, VOL = 0.4 V
0.4
1.3
1.6
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
50
55
%
Skew
tsk1
1
VT = 1.5 V
50
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
150
250
ps
1
Guaranteed by des ign, not 100% tes ted in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com