Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951703 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS951703
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951703 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS951703 Datasheet HTML 5Page - Renesas Technology Corp ICS951703 Datasheet HTML 6Page - Renesas Technology Corp ICS951703 Datasheet HTML 7Page - Renesas Technology Corp ICS951703 Datasheet HTML 8Page - Renesas Technology Corp ICS951703 Datasheet HTML 9Page - Renesas Technology Corp ICS951703 Datasheet HTML 10Page - Renesas Technology Corp ICS951703 Datasheet HTML 11Page - Renesas Technology Corp ICS951703 Datasheet HTML 12Page - Renesas Technology Corp ICS951703 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
ICS951703
Electrical Characteristics - PCI
TA = 0 - 70C; VDD=3.3V +/-5% ; CL = 10-30 pF (unles s otherwis e s pecified)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output Impedance
RDSP 1
1
VO = VDD*(0.5)
12
22
55
Ω
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
22
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Ou tput Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@ MIN = 1.0 V, V OH@ MAX = 3.135 V
-33
-33
mA
Ou tput Low Current
IOL
1
VOL @ MIN = 1.95 V, VOL @ MAX = 0.4 V
30
38
mA
Ris e Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.35
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.3
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
50.5
55
%
Skew
tsk1
1
VT = 1.5 V
150
500
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
110
500
ps
1
Guaranteed by des ign, not 100% tes ted in production.
Electrical Characteristics - REF, 48M Hz
TA = 0 - 70C; VDD=3.3V +/-5% ; CL = 10-20 pF (unles s otherwis e s pecified)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output Impedance
RDSP 1
1
VO = VDD*(0.5)
20
33
60
Ω
Output Impedance
RDSN1
1
VO = VDD*(0.5)
20
33
60
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Ou tput Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH@ MIN = 1.0 V, V OH@ MAX = 3.135 V
-29
-23
mA
Ou tput Low Current
IOL
1
VOL @ MIN = 1.95 V, VOL @ MAX = 0.4 V
29
27
mA
Ris e Time
tr1
1
VOL = 0.4 V, VOH = 2.4V
0.5
1.8
4
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.75
4
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
51.5
55
%
Skew
tsk1
1
VT = 1.5 V
N/A
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
600
1000
ps
1
Guaranteed by des ign, not 100% tes ted in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com