Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952906A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS952906A
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952906A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS952906A Datasheet HTML 3Page - Renesas Technology Corp ICS952906A Datasheet HTML 4Page - Renesas Technology Corp ICS952906A Datasheet HTML 5Page - Renesas Technology Corp ICS952906A Datasheet HTML 6Page - Renesas Technology Corp ICS952906A Datasheet HTML 7Page - Renesas Technology Corp ICS952906A Datasheet HTML 8Page - Renesas Technology Corp ICS952906A Datasheet HTML 9Page - Renesas Technology Corp ICS952906A Datasheet HTML 10Page - Renesas Technology Corp ICS952906A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
Table1: QuadRom Frequency Selection Table (Continued)
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
Spread
FS4FS3 FS2FS1 FS0
MHz
MHz
MHz
%
1
0
0
0
0
0
0
95.00
63.33
31.66
No Spread
1
0
0
0
0
0
1
190.00
63.33
31.66
No Spread
1
0
0
0
0
1
0
126.66
63.33
31.66
No Spread
1
0
0
0
0
1
1
158.34
63.33
31.66
No Spread
1
0
0
0
1
0
0
211.11
63.33
31.66
No Spread
1
0
0
0
1
0
1
380.00
63.33
31.66
No Spread
1
0
0
0
1
1
0
253.34
63.33
31.66
No Spread
100
011
1
316.66
63.33
31.66
No Spread
1
0
0
1
0
0
0
90.00
59.99
30.00
No Spread
1
0
0
1
0
0
1
180.00
59.99
30.00
No Spread
1
0
0
1
0
1
0
120.00
59.99
30.00
No Spread
1
0
0
1
0
1
1
150.00
59.99
30.00
No Spread
1
0
0
1
1
0
0
200.00
59.99
30.00
No Spread
1
0
0
1
1
0
1
360.00
59.99
30.00
No Spread
1
0
0
1
1
1
0
240.00
59.99
30.00
No Spread
100
111
1
300.00
59.99
30.00
No Spread
1
0
1
0
0
0
0
85.00
56.66
28.33
No Spread
1
0
1
0
0
0
1
170.00
56.66
28.33
No Spread
1
0
1
0
0
1
0
113.33
56.66
28.33
No Spread
1
0
1
0
0
1
1
141.67
56.66
28.33
No Spread
1
0
1
0
1
0
0
188.89
56.66
28.33
No Spread
1
0
1
0
1
0
1
340.00
56.66
28.33
No Spread
1
0
1
0
1
1
0
226.67
56.66
28.33
No Spread
101
011
1
283.33
56.66
28.33
No Spread
1
0
1
1
0
0
0
80.00
53.33
26.66
No Spread
1
0
1
1
0
0
1
160.00
53.33
26.66
No Spread
1
0
1
1
0
1
0
106.66
53.33
26.66
No Spread
1
0
1
1
0
1
1
133.34
53.33
26.66
No Spread
1
0
1
1
1
0
0
177.78
53.33
26.66
No Spread
1
0
1
1
1
0
1
320.00
53.33
26.66
No Spread
1
0
1
1
1
1
0
213.34
53.33
26.66
No Spread
101
111
1
266.66
53.33
26.66
No Spread
Bit6 Bit5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com