Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952906A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS952906A
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952906A Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS952906A Datasheet HTML 1Page - Renesas Technology Corp ICS952906A Datasheet HTML 2Page - Renesas Technology Corp ICS952906A Datasheet HTML 3Page - Renesas Technology Corp ICS952906A Datasheet HTML 4Page - Renesas Technology Corp ICS952906A Datasheet HTML 5Page - Renesas Technology Corp ICS952906A Datasheet HTML 6Page - Renesas Technology Corp ICS952906A Datasheet HTML 7Page - Renesas Technology Corp ICS952906A Datasheet HTML 8Page - Renesas Technology Corp ICS952906A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
Recommended Application:
VIA VN800/CN700/P4M800 style chipset for P4 processor
Output Features:
•
3 - 0.7V current-mode differential CPU pairs
•
10 - PCI, 3 free running, 33MHz
•
2 - REF, 14.318MHz
•
3 - 3V66, 66.66MHz
•
1 - 48MHz
•
1 - 24/48MHz
•
2 - 25MHz @ 2.5V
Key Specifications:
•
CPU/SRC outputs cycle-cycle jitter < 125ps
•
3V66 outputs cycle-cycle jitter < 250ps
•
PCI outputs cycle-cycle jitter < 250ps
•
CPU - AGP skew < +/- 350ps
•
AGP-PCI skew between 1~3.5ns
Programmable Timing Control Hub™ for Next Gen P4™ processor
Features/Benefits:
•
Programmable output frequency.
•
Programmable asynchronous 3V66&PCI frequency.
•
Programmable output divider ratios.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system if system
malfunctions.
•
Programmable watch dog safe frequency.
•
Support I2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz reference input.
48-pin SSOP & TSSOP
*FS1/REF0
1
48 VDDA
**FS0/REF1
2
47 GND
VDDREF
3
46 IREF
X1
4
45 CPUCLKT_ITP/(PCI_STOP#)
X2
5
44 CPUCLKC_ITP/(CPU_STOP#)
GND
6
43 GND
**FS2/PCICLK_F0
7
42 CPUCLKT1
**FS4/PCICLK_F1
8
41 CPUCLKC1
PCICLK_F2
9
40 VDDCPU
VDDPCI 10
39 CPUCLKT0
GND 11
38 CPUCLKC0
**MODE/PCICLK0 12
37 GND
PCICLK1 13
36 25Mhz_0
PCICLK2 14
35 25Mhz_1
PCICLK3 15
34 VDD2.5
PCICLK4 16
33 VttPWR_GD/PD#
VDDPCI 17
32 SDATA
GND 18
31 SCLK
PCICLK5 19
30 Reset#
PCICLK6 20
29 3V66_0
**FS3/48MHz
21
28 GND
**Sel24_48#/24_48MHz
22
27 VDD3V66
GND 23
26 3V66_1
VDD48 24
25 3V66_2
* This pin have 120K pull-up to VDD
** This pin have 120K pull-down to GND
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
FS4FS3 FS2FS1 FS0
MHz
MHz
MHz
000
00
100.00
66.67
33.33
000
01
200.00
66.67
33.33
000
10
133.33
66.67
33.33
000
11
166.67
66.67
33.33
001
00
200.00
66.67
33.33
001
01
400.00
66.67
33.33
001
10
266.67
66.67
33.33
001
11
333.33
66.67
33.33
010
00
100.99
67.33
33.66
010
01
201.98
67.33
33.66
010
10
134.65
67.33
33.66
010
11
168.31
67.32
33.66
01
1
00
115.00
76.67
38.33
011
01
230.00
76.67
38.33
011
10
153.33
76.66
38.33
011
11
191.67
76.67
38.33
1
00
00
100.00
66.66
33.33
100
01
200.00
66.66
33.33
100
10
133.33
66.66
33.33
100
11
166.67
71.43
35.71
1
01
00
200.00
66.66
33.33
101
01
400.00
66.66
33.33
101
10
266.67
66.66
33.33
101
11
333.33
66.66
33.33
110
00
105.00
69.99
35.00
110
01
210.00
69.99
35.00
110
10
140.00
69.99
35.00
110
11
175.00
69.99
35.00
11
1
00
110.00
73.33
36.66
111
01
220.00
73.33
36.66
111
10
146.66
73.33
36.66
111
11
183.34
73.33
36.66
Functionality
Pin Configuration


Similar Part No. - ICS952906A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
ICS952906AFLFT ICST-ICS952906AFLFT Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
ICS952906AGLFT ICST-ICS952906AGLFT Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
More results

Similar Description - ICS952906A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Renesas Technology Corp
952926 RENESAS-952926 Datasheet
327Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
953008 RENESAS-953008 Datasheet
311Kb / 21P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954119 RENESAS-954119 Datasheet
274Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954141 RENESAS-954141 Datasheet
288Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952607 RENESAS-ICS952607 Datasheet
397Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952624 RENESAS-ICS952624 Datasheet
303Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS953002 RENESAS-ICS953002 Datasheet
507Kb / 36P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com