Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952906A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS952906A
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952906A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS952906A Datasheet HTML 6Page - Renesas Technology Corp ICS952906A Datasheet HTML 7Page - Renesas Technology Corp ICS952906A Datasheet HTML 8Page - Renesas Technology Corp ICS952906A Datasheet HTML 9Page - Renesas Technology Corp ICS952906A Datasheet HTML 10Page - Renesas Technology Corp ICS952906A Datasheet HTML 11Page - Renesas Technology Corp ICS952906A Datasheet HTML 12Page - Renesas Technology Corp ICS952906A Datasheet HTML 13Page - Renesas Technology Corp ICS952906A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
Table 5: Asynchronous 3V66/PCI Frequency Table
Byte6 Bit7
Byte3 Bit7
3V66/PCI Frequency
0
0
66.66/33.33
0
1
80.00/40.00
1
0
72.73/36.36
I
2C Table: Output Control Register
Control
Function
Bit 7
48MHz_0
2x output drive
0=2x drive
RW
1
Bit 6
PCI ADIV
PCI Async Divider
Cntr
RW
0
Bit 5
Reserved
Reserved
RW
1
Bit 4
3V66_0
Output Control
RW
1
Bit 3
Reserved
Reserved
RW
1
Bit 2
PCICLK_F2
Output Control
RW
1
Bit 1
PCICLK_F1
Output Control
RW
1
Bit 0
PCICLK_F0
Output Control
RW
1
I
2C Table: Reserved Register
Control
Function
Bit 7
Reserved
Reserved
RW
0
Bit 6
Mode Sel1
RW
0
Bit 5
Mode Sel0
RW
0
Bit 4
3V66_2
Output Control
RW
1
Bit 3
M PLL2 Div3
RW
X
Bit 2
M PLL2 Div2
RW
X
Bit 1
M PLL2 Div1
RW
X
Bit 0
M PLL2 Div0
RW
X
--
See Table 4: Mode Selection Table
Disable
Enable
Disable
Enable
Disable
Enable
--
Disable
Enable
AGP/2
PLL3 Freq/24
Disable
Enable
--
The decimal representation of M PLL2 Div
(3:0) + 2 is equal to REF divider value for
PLL2
01
01
-
-
-
-
PWD
7
Byte 5
Pin #
Name
Type
PWD
-
2x drive
normal
Name
Type
Byte 4
Pin #
PLL Mode Selection
Bits
M Divider
Programming bits for
Async mode 2&3
-
25
-
-
-
29
-
9
8
-
Table 4: Mode Selection Table
Mode
Standard Overclock Mode(I)
CPU Overclock Mode(II)
Graphic Overclock Mode(III)
IIC Control
Byte 5 bit(6:5) = 00
Byte 5 bit(6:5) = 01
Byte 5 bit(6:5) = 10
25MHz From?
PLL3
PLL3
PLL1
3V66/PCI From?
PLL1 (Needed to be align w/ CPU)
PLL3
PLL3
Spreading
CPU/3V66/PCI have spread
Only CPU clocks have spread.
Only CPU clocks have spread.
I
2C Table: Vendor & Revision ID Register
Control
Function
Bit 7
ASEL0
3V66/PCI Freq Select
RW
0
Bit 6
N PLL2 Div6
RW
X
Bit 5
N PLL2 Div5
RW
X
Bit 4
N PLL2 Div4
RW
X
Bit 3
N PLL2 Div3
RW
X
Bit 2
N PLL2 Div2
RW
X
Bit 1
N PLL2 Div1
RW
X
Bit 0
N PLL2 Div0
RW
X
The decimal representation of N PLL2 Div
(6:0) + 8 is equal to VCO divider value for
PLL2.
Byte 6
Pin #
Name
-
-
-
PWD
-
-
N Divider
Programming bits for
Async mode 2&3
-
-
-
See Table 5: Async AGP/PCI Freq Table
01
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com