Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS954321 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS954321
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954321 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS954321 Datasheet HTML 1Page - Renesas Technology Corp ICS954321 Datasheet HTML 2Page - Renesas Technology Corp ICS954321 Datasheet HTML 3Page - Renesas Technology Corp ICS954321 Datasheet HTML 4Page - Renesas Technology Corp ICS954321 Datasheet HTML 5Page - Renesas Technology Corp ICS954321 Datasheet HTML 6Page - Renesas Technology Corp ICS954321 Datasheet HTML 7Page - Renesas Technology Corp ICS954321 Datasheet HTML 8Page - Renesas Technology Corp ICS954321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS954321
1078B–09/20/05
Programmable Timing Control Hub™ for P4™ processor
Pin Configuration
Recommended Application:
CK410M Compliant Main Clock
Output Features:
2 - 0.7V current-mode differential CPU pairs
8 - 0.7V current-mode differential SRC pairs
1 - 0.7V current-mode differential CPU_ITP/SRC
selectable pair
4 - PCI (33MHz)
1 - PCICLK_F, (33MHz) free-running
1 - USB, 48MHz
1 - DOT, 96MHz, 0.7V current differential pair
1 - REF, 14.318MHz
1 - 0.7V current-mode differential LCD/SRC selectable
pair
Key Specifications:
CPU outputs cycle-cycle jitter < 85ps
SRC outputs cycle-cycle jitter < 125ps
PCI outputs cycle-cycle jitter < 500ps
+/- 300ppm frequency accuracy on CPU, and SRC
clocks
+/- 100ppm frequency accuracy on USB clocks
Features/Benefits:
Supports tight ppm accuracy clocks for SRC
Supports programmable spread percentage and
frequency
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
Supports undriven differential CPU, SRC pair in PD for
power management.
OE# pins to support SRC power management.
FunctionalityTable
VDDPCI 1
64 PCICLK0
GND 2
63 PCI_STOP#
PCICLK1 3
62 CPU_STOP#
PCICLK2 4
61 FSLC/TEST_SEL
*SEL_LCDCLK#/PCICLK3 5
60 REF
ITP_EN/PCICLK_F0 6
59 GND
*OE0# 7
58 X1
*OE1# 8
57 X2
*OE2# 9
56 VDDREF
Vtt_PwrGd#/PD 10
55 SDATA
VDD48 11
54 SCLK
FSLA/USB_48MHz 12
53 GND
GND 13
52 CPUCLKT0
DOTT_96MHz 14
51 CPUCLKC0
DOTC_96MHz 15
50 VDDCPU
FSLB/TEST_MODE 16
49 CPUCLKT1
LCDCLK_SST/SRCCLKT0 17
48 CPUCLKC1
LCDCLK_SSC/SRCCLKC0 18
47 IREF
SRCCLKT1 19
46 GNDA
SRCCLKC1 20
45 VDDA
VDDSRC 21
44 CPUCLKT2_ITP/SRCCLKT10
SRCCLKT2 22
43 CPUCLKC2_ITP/SRCCLKC10
SRCCLKC2 23
42 VDDSRC
SRCCLKT3 24
41 SRCCLKT9
SRCCLKC3 25
40 SRCCLKC9
SRCCLKT4 26
39 GND
SRCCLKC4 27
38 SRCCLKT8
VDDSRC 28
37 SRCCLKC8
GND 29
36 SRCCLKT7
SRCCLKT5 30
35 SRCCLKC7
SRCCLKC5 31
34 *OEA#
*OE3#32
33*OEB#
64-TSSOP
* Internal Pull-Up Resistor
FS
LC
B6b2
FS
LB
B6b1
FS
LA
B6b0
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
Spread %
0
0
0
266.66
100.00
33.33
14.318
48.00
96.00 0.5% Down
0
0
1
133.33
100.00
33.33
14.318
48.00
96.00 0.5% Down
0
1
0
200.00
100.00
33.33
14.318
48.00
96.00 0.5% Down
0
1
1
166.66
100.00
33.33
14.318
48.00
96.00 0.5% Down
1
0
0
333.33
100.00
33.33
14.318
48.00
96.00 0.5% Down
1
0
1
100.00
100.00
33.33
14.318
48.00
96.00 0.5% Down
1
1
0
400.00
100.00
33.33
14.318
48.00
96.00 0.5% Down
1
1
1
200.00
100.00
33.33
14.318
48.00
96.00 0.5% Down


Similar Part No. - ICS954321

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS954309 RENESAS-ICS954309 Datasheet
419Kb / 19P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
ICS954309YKLFT RENESAS-ICS954309YKLFT Datasheet
419Kb / 19P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
logo
Integrated Device Techn...
ICS954310BGLF IDT-ICS954310BGLF Datasheet
57Kb / 1P
PC MAIN CLOCK
More results

Similar Description - ICS954321

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS951402 RENESAS-ICS951402 Datasheet
516Kb / 24P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com