Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF2045 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF2045
Description  UHF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2045 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF2045 Datasheet HTML 3Page - NXP Semiconductors BLF2045 Datasheet HTML 4Page - NXP Semiconductors BLF2045 Datasheet HTML 5Page - NXP Semiconductors BLF2045 Datasheet HTML 6Page - NXP Semiconductors BLF2045 Datasheet HTML 7Page - NXP Semiconductors BLF2045 Datasheet HTML 8Page - NXP Semiconductors BLF2045 Datasheet HTML 9Page - NXP Semiconductors BLF2045 Datasheet HTML 10Page - NXP Semiconductors BLF2045 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1999 Dec 06
7
Philips Semiconductors
Preliminary specification
UHF power LDMOS transistor
BLF2045
List of components
Notes
1.
American Technical Ceramics type 100A or capacitor of same quality.
2.
American Technical Ceramics type 100B or capacitor of same quality.
3.
The striplines are on a double copper-clad PCB with Teflon dielectric (
εr = 6.15); thickness 0.64 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C2, C4, C7,
C8
Tekelec variable capacitor; type 37281
0.4 to 2.5 pF
C3
multilayer ceramic chip capacitor; note 1
2.4 pF
C1, C5, C9,
C10
multilayer ceramic chip capacitor; note 1
11 pF
C11
multilayer ceramic chip capacitor; note 2
1 nF
C12
multilayer ceramic chip capacitor
100 nF
2222 581 16641
C6, C13, C14,
C15
tantal SMD capacitor
4.5
µF; 50 V
C16
electrolytic capacitor
100
µF; 63 V
2222 037 58101
F1
Ferroxcube chip-bead 8DS3/3/8/9-4S2
4330 030 36301
L1
stripline; note 3
50
Ω
13
× 0.9 mm
L2
stripline; note 3
50
Ω
2
× 0.9 mm
L3
stripline; note 3
34.3
Ω
15
× 1.7 mm
L4, L12
stripline; note 3
50
Ω
37
× 0.9 mm
L5
stripline; note 3
34.3
Ω
6
× 1.7 mm
L6
stripline; note 3
23.6
Ω
13
× 2.9 mm
L7
stripline; note 3
5.6
Ω
6
× 15.8 mm
L8
stripline; note 3
3.5
Ω
6
× 26 mm
L9
stripline; note 3
31.9
Ω
12
× 1.9 mm
L10
stripline; note 3
24.9
Ω
7.4
× 2.7 mm
L11
stripline; note 3
50
Ω
3x 0.9mm
L13
stripline; note 3
50
Ω
4.15
× 0.9 mm
L14
stripline; note 3
26.3
Ω
2.5
× 2.5 mm
L15
stripline; note 3
50
Ω
2.8
× 0.9 mm
L16
stripline; note 3
50
Ω
14
× 0.9 mm
R1, R2
metal film resistor
10
Ω, 0.6 W
2322 156 11009



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com