Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF2045 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF2045
Description  UHF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2045 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF2045 Datasheet HTML 1Page - NXP Semiconductors BLF2045 Datasheet HTML 2Page - NXP Semiconductors BLF2045 Datasheet HTML 3Page - NXP Semiconductors BLF2045 Datasheet HTML 4Page - NXP Semiconductors BLF2045 Datasheet HTML 5Page - NXP Semiconductors BLF2045 Datasheet HTML 6Page - NXP Semiconductors BLF2045 Datasheet HTML 7Page - NXP Semiconductors BLF2045 Datasheet HTML 8Page - NXP Semiconductors BLF2045 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1999 Dec 06
4
Philips Semiconductors
Preliminary specification
UHF power LDMOS transistor
BLF2045
APPLICATION INFORMATION
RF performance in a common source class-AB circuit. Th =25
°C; Rth mb-h = 0.65 K/W, unless otherwise specified.
Ruggedness in class-AB operation
The BLF2045 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the
following conditions: VDS =26V; PL = 30 W (CW); f = 2000 MHz.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(mA)
PL
(W)
Gp
(dB)
ηD
(%)
dim
(dBc)
2-tone, class-AB
f1 = 2000; f2 = 2000.1
26
180
30 (PEP)
>10
>30
≤−25
Fig.3
Power gain and efficiency as a functions of
peak envelope load power, typical values.
Class-AB operation; VDS =26 V; IDQ =180mA;
f1 =2000 MHz; f2 = 2000.1 MHz.
0
4
8
12
16
20
0
1020304050
P
L (PEP) (W)
G
P
(dB)
0
10
20
30
40
50
η
D
(%)
G
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com