Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF2045 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF2045
Description  UHF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2045 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF2045 Datasheet HTML 1Page - NXP Semiconductors BLF2045 Datasheet HTML 2Page - NXP Semiconductors BLF2045 Datasheet HTML 3Page - NXP Semiconductors BLF2045 Datasheet HTML 4Page - NXP Semiconductors BLF2045 Datasheet HTML 5Page - NXP Semiconductors BLF2045 Datasheet HTML 6Page - NXP Semiconductors BLF2045 Datasheet HTML 7Page - NXP Semiconductors BLF2045 Datasheet HTML 8Page - NXP Semiconductors BLF2045 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1999 Dec 06
3
Philips Semiconductors
Preliminary specification
UHF power LDMOS transistor
BLF2045
THERMAL CHARACTERISTICS
Note
1.
Thermal resistance is determined under specified RF operating conditions.
CHARACTERISTICS
Tj =25
°C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-h
thermal resistance from junction to heatsink
Ptot = 87.5 W; Th =25
°C;
note 1
2K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS =0; ID =0.7 mA
65
−−
V
VGSth
gate-source threshold voltage
VDS =10V; ID =70mA
1.5
−
3.5
V
IDSS
drain-source leakage current
VGS =0; VDS =26 V
−−
5
µA
IDSX
drain cut-off current
VGS =VGSth +9V; VDS =10V
9
−−
A
IGSS
gate leakage current
VGS =
±15 V; VDS =0
−−
125
nA
gfs
forward transconductance
VDS =10V; ID =2.5 A
−
2
−
S
RDSon
drain-source on-state resistance
VGS =VGSth +9V; ID =2.5 A
−
340
−
m
Ω
Cis
input capacitance
VGS =0; VDS =26 V; f = 1 MHz
−
38
−
pF
Cos
output capacitance
VGS =0; VDS =26 V; f = 1 MHz
−
31
−
pF
Crs
feedback capacitance
VGS =0; VDS =26 V; f = 1 MHz
−
1.7
−
pF
1
10
100
0
102030
VDS (V)
C
(pF)
Ciis
Crss
Coss
Fig.2 Input, output and feedback capacitance as
functions of drain-source voltage, typical values.
VGS =0; f = 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com