Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR91XF Datasheet(PDF) 14 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 10Page - STMicroelectronics STR91XF Datasheet HTML 11Page - STMicroelectronics STR91XF Datasheet HTML 12Page - STMicroelectronics STR91XF Datasheet HTML 13Page - STMicroelectronics STR91XF Datasheet HTML 14Page - STMicroelectronics STR91XF Datasheet HTML 15Page - STMicroelectronics STR91XF Datasheet HTML 16Page - STMicroelectronics STR91XF Datasheet HTML 17Page - STMicroelectronics STR91XF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
Functional overview
STR91xF
14/72
2.10
Clock control unit (CCU)
The CCU generates a master clock of frequency fMSTR. From this master clock the CCU also
generates individually scaled and gated clock sources to each of the following functional blocks
within the STR91xF.
CPU, fCPUCLK
Advanced High-performance Bus (AHB), fHCLK
Advanced Peripheral Bus (APB), fPCLK
Flash Memory Interface (FMI), fFMICLK
External Memory Interface (EMI), fBCLK
UART Baud Rate Generators, fBAUD
USB, fUSB
2.10.1 Master clock sources
The master clock in the CCU (fMSTR) is derived from one of three clock input sources. Under
firmware control, the CPU can switch between the three CCU inputs without introducing any
glitches on the master clock output. Inputs to the CCU are:
Main Oscillator (fOSC). The source for the main oscillator input is a 4 to 25 MHz external
crystal connected to STR91xF pins X1_CPU and X2_CPU, or an external oscillator device
connected to pin X1_CPU.
PLL (fPLL). The PLL takes the 4 to 25 MHz oscillator clock as input and generates a master
clock output up to 96 MHz (programmable). By default, at power-up the master clock is
sourced from the main oscillator until the PLL is ready (locked) and then the CPU may
switch to the PLL source under firmware control. The CPU can switch back to the main
oscillator source at any time and turn off the PLL for low-power operation. The PLL is
always turned off in Sleep mode.
RTC (fRTC). A 32.768 kHz external crystal can be connected to pins X1_RTC and
X2_RTC, or an external oscillator connected to pin X1_RTC to constantly run the real-time
clock unit. This 32.768 kHz clock source can also be used as an input to the CCU to run
the CPU in slow clock mode for reduced power.
As an option, there are a number of peripherals that do not have to receive a clock sourced
from the CCU. The USB interface can receive an external clock on pin P2.7, TIM timers TIM0/
TIM1 can receive an external clock on pin P2.4, and timers TIM2/TIM3 on pin P2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com