Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR91XF Datasheet(PDF) 25 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 21Page - STMicroelectronics STR91XF Datasheet HTML 22Page - STMicroelectronics STR91XF Datasheet HTML 23Page - STMicroelectronics STR91XF Datasheet HTML 24Page - STMicroelectronics STR91XF Datasheet HTML 25Page - STMicroelectronics STR91XF Datasheet HTML 26Page - STMicroelectronics STR91XF Datasheet HTML 27Page - STMicroelectronics STR91XF Datasheet HTML 28Page - STMicroelectronics STR91XF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
STR91xF
Functional overview
25/72
Supports USB low and full-speed transfers (12 Mbps), certified to comply with the USB 2.0
specification
Supports isochronous, bulk, control, and interrupt endpoints
Configurable number of endpoints allowing a mixture of up to 20 single-buffered
monodirectional endpoints or up to 10 double-buffered bidirectional endpoints
Dedicated, dual-port 2 Kbyte USB Packet Buffer SRAM. One port of the SRAM is
connected by a Packet Buffer Interface (PBI) on the USB side, and the CPU connects to
the other SRAM port.
CRC generation and checking
NRZI encoding-decoding and bit stuffing
USB suspend resume operations
2.18.1 Packet buffer interface (PBI)
The PBI manages a set of buffers inside the 2 Kbyte Packet Buffer, both for transmission and
reception. The PBI will choose the proper buffer according to requests coming from the USB
Serial Interface Engine (SIE) and locate it in the Packet SRAM according to addresses pointed
by endpoint registers. The PBI will also auto-increment the address after each exchanged byte
until the end of packet, keeping track of the number of exchanged bytes and preventing buffer
overrun. Special support is provided by the PBI for isochronous and bulk transfers,
implementing double-buffer usage which ensures there is always an available buffer for a USB
packet while the CPU uses a different buffer.
2.18.2 DMA
A programmable DMA channel may be assigned by CPU firmware to service the USB interface
for fast and direct transfers between the USB bus and SRAM with little CPU involvement. This
DMA channel includes the following features:
Direct USB Packet Buffer SRAM to system SRAM transfers of receive packets, by
descriptor chain for bulk or isochronous endpoints.
Direct system SRAM to USB Packet Buffer SRAM transfers of transmit packets, by
descriptor chain for bulk or isochronous endpoints.
Linked-list descriptor chain support for multiple USB packets
2.18.3 Suspend mode
CPU firmware may place the USB interface in a low-power suspend mode when required, and
the USB interface will automatically wake up asynchronously upon detecting activity on the
USB pins.
2.19
CAN 2.0B interface
The STR91xF provides a CAN interface complying with CAN protocol version 2.0 parts A and
B. An external CAN transceiver device connected to pins CAN_RX and CAN_TX is required for
connection to the physical CAN bus.
The CAN interface manages up to 32 Message Objects and Identifier Masks using a Message
SRAM and a Message Handler. The Message Handler takes care of low-level CAN bus activity
such as acceptance filtering, transfer of messages between the CAN bus and the Message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com