| Electronic Components Datasheet Search |
|
80KSW0005 Datasheet(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
80KSW0005 Datasheet(HTML) 34 Page - Renesas Technology Corp |
|
34 / 50 page ![]() 34 of 49 January 18, 2011 CPS-10Q CPS-10Q Datasheet 2010 Integrated Device Technology, Inc. All rights reserved. The output enable cells are also output cells. The simplified logic appears in the figure below. Figure 23 Diagram of Output Enable Cell The bidirectional cells are composed of only two boundary scan cells. They contain one output enable cell and one capture cell, which contains only one register. The input to this single register is selected via a mux that is selected by the output enable cell when EXTEST is disabled. When the Output Enable Cell is driving a high out to the pad (which enables the pad for output) and EXTEST is disabled, the Capture Cell will be configured to capture output data from the core to the pad. However, in the case where the Output Enable Cell is low (signifying a tri-state condition at the pad) or EXTEST is enabled, the Capture Cell will capture input data from the pad to the core. The configuration is shown graphically in the figure below. Figure 24 Diagram of Bidirectional Cell DQ D Q From Core Data from previous cell EXTEST To output enable clock_dr shift_dr update_dr Output Enable To next cell From previous cell Output Enable Cell Output enable from core EXTEST Output from core Input to core Capture Cell To next cell I/O Pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |