Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0005 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 4 Page - Renesas Technology Corp

  80KSW0005 Datasheet HTML 1Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 2Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 3Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 4Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 5Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 6Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
Media Gateway and general processing
Figure 2 Application Overview
Note: The CPS-10Q provides direct support for backplane connections using the serial RapidIO standard.
A low jitter switch enables fully DSP processing power. Priority support, fast switching, and multicasting will differentiate class of traffic to provide QoS.
6 Functional Overview
The CPS-10Q is optimized for either board-level DSP/ASIC cluster applications or module-level distributed processing application. Up to 16 serial
RapidIO ports fully meet standard v1.3. The physical lanes may be configured to operate at 3.125Gbps, 2.5Gbps or 1.25Gbps. All lanes independently
work in short haul or long haul. The switch has a sustained 80Gbps bandwidth. It is non-blocking within a given sRIO priority.
The CPS-10Q can be programmed through a CPU or a DSP connected to one of the sRIO ports of the device or with a CPU connected to an I2C or
JTAG bus, it can also work along with a I2C configuration memory. This option allows the device work in “remote stand alone” mode.
Each sRIO port provides a packet trace capability. For any packet received by a port, a comparison between the first 160 bits and up to four configu-
rable values can be performed. A match against any of these parameters will result in a copy of the packet and a route of the packet to a configurable
ouput port. This feature can be used as a tactical function to track user data or in a debug environment to test how specific packets are moving
through the platform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com