Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0005 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 80KSW0005
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 80KSW0005 Datasheet HTML 6Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 9Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 10Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 11Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 12Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0005 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
Figure 6 AC Output Test Load (I2C)
Note: The SDA and SCL pins are open-drain drivers. Refer to the
Philips I2C specification [1] for appropriate selection of pull-up
resistors for each.
Figure 7 sRIO Lanes Test Load
The characteristic impedance Z0 should be designed for 100 Ohms. An inline capacitor C1 and C2 at each input of the receiver provides AC-coupling
and a DC-block. The IDT recommended and test value is 100nF for each. Thus, any DC bias differential between the two devices on the link is
negated. The differential input resistance at the receiver is designed to be 100 Ohms (per sRIO specification). Thus, R1 and R2 are 50 Ohms each.
Note that VBIAS is the internal bias voltage of the device’s receiver.
SDA,
SCL
400pF (max)
2k Ohm
3.3V / 2.5V
Z0
Z0
Tx
TXP
TXN
Rx
RXP
RXN
Vbias
C1
C2
R1
R2
Internal
To Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com