Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0005BRI Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 80KSW0005BRI Datasheet HTML 27Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 28Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 29Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 30Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 31Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 32Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 33Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 34Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
31 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
Signal Definitions
JTAG operations such as Reset, State-transition control and Clock sampling are handled through the signals listed in the table below. A functional
overview of the TAP Controller and Boundary Scan registers is provided in the sections following the table.
Pin Name Type
Description
TRST
Input
JTAG RESET
Asynchronous reset for JTAG TAP controller (internal pull-up)
TCK
Input
JTAG Clock
Test logic clock. JTAG_TMS and JTAG_TDI are sampled on the rising edge.
JTAG_TDO is output on the falling edge.
TMS
Input
JTAG Mode Select. Requires an external pull-up.
Controls the state transitions for the TAP controller state machine (internal pull-up)
TDI
Input
JTAG Input
Serial data input for BSC chain, Instruction Register, IDCODE register, and BYPASS
register (internal pull-up)
TDO
Output JTAG Output
Serial data out. Tri-stated except when shifting while in Shift-DR and SHIFT-IR TAP
controller states.
Table 29 JTAG Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com