Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0005BRI Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 80KSW0005BRI Datasheet HTML 31Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 32Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 33Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 34Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 35Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 36Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 37Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 38Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
35 of 49
January 18, 2011
CPS-10Q
CPS-10Q Datasheet
2010 Integrated Device Technology, Inc. All rights reserved.
Instruction Register (IR)
The Instruction register allows an instruction to be shifted serially into the CPS-10Q at the rising edge of TCK. The instruction is then used to select the
test to be performed or the test register to be accessed, or both. The instruction shifted into the register is latched at the completion of the shifting
process, when the TAP controller is at the Update-IR state.
The Instruction Register contains four shift-register-based cells that can hold instruction data. This register is decoded to perform the following func-
tions:
– To select test data registers that may operate while the instruction is current. The other test data registers should not interfere with chip oper-
ation and selected data registers.
– To define the serial test data register path used to shift data between TDI and TDO during data register scanning.
The Instruction Register is comprised of 4 bits to decode instructions, as shown in the table below.
Instruction
Definition
OPcode
[3:0]
EXTEST
Mandatory instruction allowing the testing of board level interconnections.
Data is typically loaded onto the latched parallel outputs of the boundary scan
shift register using the SAMPLE/PRELOAD instruction prior to use of the
EXTEST instruction. EXTEST will then hold these values on the outputs while
being executed. Also see the CLAMP instruction for similar capability.
0000
SAMPLE/
PRELOAD
Mandatory instruction that allows data values to be loaded onto the latched
parallel output of the boundary-scan shift register prior to selection of the other
boundary-scan test instruction. The Sample instruction allows a snapshot of
data flowing from the system pins to the on-chip logic or vice versa.
0001
IDCODE
Provided to select Device Identification to read out manufacturer’s identity,
part, and version number.
0010
HIGHZ
Tri-states all output and bidirectional boundary scan cells.
0011
CLAMP
Provides JTAG user the option to bypass the part’s JTAG controller while
keeping the part outputs controlled similar to EXTEST.
0100
EXTEST_PULSE AC Extest instruction implemented in accordance with the requirements of the
IEEE std. 1149.6 specification.
0101
EXTEST_TRAIN AC Extest instruction implemented in accordance with the requirements of the
IEEE std. 1149.6 specification.
0110
RESERVED
Behaviorally equivalent to the BYPASS instruction as per the IEEE std. 1149.1
specification. However, the user is advised to use the explicit BYPASS instruc-
tion.
0111 — 1001
CONFIGURA-
TION REGIS-
TER ACCESS
(CRA)
CPS-10Q-specific opcode to allow reading and writing of the configuration reg-
isters. Reads and writes must be 32-bits. See further detail below.
1010
PRIVATE
For internal use only. Do not use.
1011 — 1100
RESERVED
Behaviorally equivalent to the BYPASS instruction as per the IEEE std. 1149.1
specification. However, the user is advised to use the explicit BYPASS instruc-
tion.
1101
PRIVATE
For internal use only. Do not use.
1110
BYPASS
The BYPASS instruction is used to truncate the boundary scan register as a
single bit in length.
1111
Table 30 Instructions Supported by CPS-10Q JTAG Boundary Scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com