Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0005BRI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 80KSW0005BRI
Description  10-Quad RapidIO® Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0005BRI Datasheet(HTML) 1 Page - Renesas Technology Corp

  80KSW0005BRI Datasheet HTML 1Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 2Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 3Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 4Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 5Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 6Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 7Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 8Page - Renesas Technology Corp 80KSW0005BRI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
1 of 49
January 18, 2011
DSC 5697
2010 Integrated Device Technology, Inc. All rights reserved.
1 Device Overview
The CPS-10Q (80KSW0005) is a serial RapidIO switch whose functionality is
central to routing packets for distribution among DSPs, processors, FPGAs,
other switches, or any other sRIO-based devices. The CPS-10Q supports serial
RapidIO packet switching (unicast, multicast, and an optional broadcast) from
any of its 16 input ports to any of its 16 output ports.
2 Features
u
Interfaces - sRIO
– 40 bidirectional serial RapidIO (sRIO) lanes v 1.3
– Port Speeds selectable: 3.125Gbps, 2.5Gbps, or 1.25Gbps
– All lanes support short haul or long haul reach for each PHY speed
– Configurable port count to up to 16 ports
– Two enhanced quads can be configured as 4 1x ports or 1 4x ports
– Supports standard 4 levels of priority
– Error handling support: It allows error detection, logging and
response from all major functional blocks on the device.
u
Interfaces - I2C
– Provides I2C port for maintenance and error reporting
– Master or Slave Operation
– Master allows power-on configuration from external ROM
– Master mode configuration with external image compressing and
checksum
u
Performance
– 100 Gbps of peak switching bandwidth
– Non-blocking data flow architecture within each sRIO priority
– low latency for all packet length and load condition
– Internal queuing buffer and retransmit buffer
– Standard receiver based physical layer flow control
u
Features
– Configurable for cut-thru and store-and-forward modes
– Device configurable through any of sRIO ports, I2C, or JTAG
– Packet Trace function: It allows copying or filtering packets on a per-
port basis. Each port provides the ability to match the first 160 bits of
any packet against up to 4 programmable comparison values to copy
the packet to a programmable output trace port or drop it.
– Supports up to 40 simultaneous multicast masks per each port
– Support Broadcast
– Port Loopback Debug Feature
– Software assisted error recovery, supporting hot swap
– Ports may be individually turned off to reduce power
– PMON counters for monitor and diagnostics per port
– Serdes physical diagnostic registers
– Embedded PRBS generation and detection with programmable poly-
nomial cover error rate under all conditions
– 0.13um technology
– Low power dissipation
– Full JTAG Boundary Scan support (IEEE1149.1 & 1149.6)
– Package: FCBGA 676-ball grid array, 27mm x 27mm, 1.0mm ball
pitch
3 Block Diagram
Figure 1 Block diagram
Maintenance
&
Error
Management
Configuration
JTAG
I2C
sRIO Q5
Standard
(1 port)
sRIO Q8
Standard
(1 port)
sRIO Q6
Standard
(1 port)
sRIO Q7
Standard
(1 port)
sRIO Q9
Enhanced
(1 or 4 ports)
sRIO Q0
Standard
(1 port)
sRIO Q1
Standard
(1 port)
sRIO Q2
Standard
(1 port)
sRIO Q3
Standard
(1 port)
sRIO Q4
Enhanced
(1 or 4 ports)
Ln38
Ln39
Ln36
Ln37
Ln34
Ln35
Ln32
Ln33
Ln26
Ln27
Ln24
Ln25
Ln1
Ln0
Ln3
Ln2
Ln30
Ln31
Ln28
Ln29
Ln5
Ln4
Ln7
Ln6
Ln9
Ln8
Ln11
Ln10
Ln13
Ln12
Ln15
Ln14
Ln17
Ln16
Ln19
Ln18
Ln21
Ln20
Ln23
Ln22
Serial RapidIO Switch
CPS-10Q
Datasheet
80KSW0005
10-Quad
RapidIO® Switch


Similar Part No. - 80KSW0005BRI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
80KSW0002 RENESAS-80KSW0002 Datasheet
904Kb / 48P
16-Port Serial RapidIO® Switch
April 6, 2016
80KSW0004 RENESAS-80KSW0004 Datasheet
1Mb / 48P
12-Port Serial RapidIO® Switch
March 31, 2008
More results

Similar Description - 80KSW0005BRI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70K2000 IDT-70K2000 Datasheet
114Kb / 2P
Serial RapidIO Pre-Processing Switch for DSP Clusters
CPS-1848 IDT-CPS-1848 Datasheet
107Kb / 1P
IDT Serial RapidIO Switch Feature ComparisonChart
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
Quad 10 SPDT Analog Switch
logo
Integrated Device Techn...
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
CPS-12 RENESAS-CPS-12 Datasheet
1Mb / 48P
12-Port Serial RapidIO® Switch
March 31, 2008
CPS-16 RENESAS-CPS-16 Datasheet
904Kb / 48P
16-Port Serial RapidIO® Switch
April 6, 2016
CPS-8 RENESAS-CPS-8 Datasheet
920Kb / 48P
8-Port Serial RapidIO® Switch
March 31, 2008
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1616 RENESAS-CPS-1616 Datasheet
1Mb / 78P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com